Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060SD Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PCI9060SD
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060SD Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PCI9060SD Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
SECTION 1
PCI 9080
GENERAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 4
Version 1.02
1.3 COMPATIBILITY OF PCI 9080 WITH
PCI 9060, 9060ES, AND 9060SD
PCI 9080 is upward compatible with PCI 9060, 9060ES
and 9060SD, except as noted in Table 1-2 and Section
4.1, “New Register Definitions Summary.”
1.3.1 Pin Compatibility
When upgrading from the PCI 9060, 9060ES or 9060SD,
observe the following new pin definitions listed in Table
1-2.
Table 1-2. Pin Compatibility
9060/ES/SD
PCI 9080
Pin
#
Pin
Name
Description
Pin
Name
Description
170
CLKSEL
Serial
EEPROM
Clock Select
NC
–
175
EE1MC
Optional
Serial
EEPROM
Clock Source
EESEL
Serial EEPROM
Select
1=93CS46 (1K bit)
0=93CS56 (2K bit)
1.3.2 Register Compatibility
All registers implemented in the 9060/ES/SD
are
implemented in the PCI 9080. There are a limited
number of new bit definitions and several new registers.
Refer
to
Section
4.1,
“New
Register
Definitions
Summary.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com