Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC816AC Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC816AC
Description  Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC816AC Datasheet(HTML) 2 Page - Sharp Corporation

  PC816AC Datasheet HTML 1Page - Sharp Corporation PC816AC Datasheet HTML 2Page - Sharp Corporation PC816AC Datasheet HTML 3Page - Sharp Corporation PC816AC Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC816 Series
s Absolute Maximum
Parameter
I Unit
Forward current
I
I
*
] Peak forward current
Input
1
A
voltage
power dissipation
P
70
Collector -emitter voltage
v
Emitter-collector
voltage
v
Collector current
Collector power dissipation
150
Total power dissipation
200
*
z Isolation voltage
5000
Operating
temperature
T
-30 to + 100
Storage
temperature
–55 to
Soldering temperature
260
. .
Pulse width
100
Duty ratio= ().()()1
to
AC for 1 minute
For 10 seconds
s
Characteristic
(Ta = 25°C )
Parameter
Conditions
MIN.
TYP.
MA X
Unit
Forward voltage
—
1.2
1.4
v
Peak forward voltage
Input
3.0
current
—
10
Terminal
capacitance
30
250
output
Collector dark current
I
IF=O
—
—
A
Current transfer ratio
CTR
5mA,
50
—
600
%
Collector -emitter saturation voltage
—
0.1
0.2
v
Transfer
Isolation resistance
DC500V,
to
–
charac
Floating capacitance
V=O,
—
0.6
1.0
teristics
Cut-off frequency
–
80
kHz
Rise time
time
4
18
Fall time
tf
100
—
3
18
Classification table of current
transfer ratio is shown
Model No.
Rank mark
CTR
PC616A
A
80 to 160
130 to 260
c
200 to 400
300 to 600
6BD
B,
D
130 to 600
Pc616AD
A, B, C or D
80 to 600
B,
D or So mark
to 600
1
Temperature
10
-3 0
0
100
‘5
Ambient



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com