Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC816AC Datasheet (PDF) - Sharp Corporation

PC816AC Datasheet PDF - Sharp Corporation
Part # PC816AC
Download  PC816AC Download
File Size   259.15 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler

PC816AC Datasheet (PDF)

Go To PDF Page Download Datasheet
PC816AC Datasheet PDF - Sharp Corporation

Part # PC816AC
Download  PC816AC Click to download

File Size   259.15 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler

PC816AC Datasheet (HTML) - Sharp Corporation


PC816AC Product details

■ Features
1. High collector-emitter voltage ( VCEO : 70V )
2. Compact dual-in-line package
    PC816 : 1-channel type
    PC826 : 2-channel type
    PC846 : 4-channel type
3. High isolation voltage between input and output ( VISO : 5 000V rms )
4. Current transfer ratio ( CTR : MIN. 50% at I F = 5mA, V CE = 5V)
5. Recognized by UL, file No. E64380

■ Applications
1. Programmable controllers, computers
2. System appliances, measuring instruments
3. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC816AC

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC81.07.0100A.DB TAOGLAS-PC81.07.0100A.DB Datasheet
550Kb / 8P
compatible with hirose u.fl
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
logo
Sharp Corporation
PC81100NIP0F SHARP-PC81100NIP0F Datasheet
234Kb / 14P
DIP 4pin High Speed under High Load Resistance Photocoupler
More results


Similar Description - PC816AC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com