Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR406 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PCR406
Description  UTC PCR406 silicon controlled rectifiers are high performance planner diffused PNP devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PCR406 Datasheet(HTML) 1 Page - Unisonic Technologies

  PCR406 Datasheet HTML 1Page - Unisonic Technologies PCR406 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCPCR406
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R301-010,A
DESCRIPTION
The UTC PCR406 silicon controlled rectifiers are high
performance planner diffused PNPN devices. These parts
are intended for low cost high volume applications.
TO-92
1
1:CATHODE 2:GATE 3:ANODE
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
TEST CONDITION
RATING
UNITS
Repetitive Peak Off-State Voltage
PCR406-6
PCR406-5
VDRM
Tj=40 to 125
°C
(RGK =1kΩ)
400
300
V
On-State Current
IT(RMS) Tc=40
°C
0.8
A
Average On-State Current
IT(AV)
Half Cycle=180, Tc=40
°C
0.5
A
Peak Reverse Gate Voltage
VGRM
IGR=10uA
1
V
Peak Gate Current
IGM
10us Max.
0.1
A
Gate Dissipation
PG(AV)
20ms Max.
150
mW
Operating Temperature
Tj
-40~125
°C
Storage Temperature
TSTG
-40~125
°C
Soldering Temperature
TSLD
1.6mm from case 10s Max.
250
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Off state leakage current
IDRM
VDRM(RGK=1KΩ), Tj=125°C
0.1
mA
Off state leakage current
IDRM
VDRM(RGK=1KΩ), Tj=25°C
1.0
µA
On state voltage
VT
IT=0.4A
IT=0.8A
1.4
2.2
V
On state threshold voltage
VT(TO)
Tj=125
°C
0.95
V
On state slops resistance
Rt
Tj=125
°C
600
m
Gate trigger current
IGT
VD=7V
200
µA
Gate trigger voltage
VGT
VD=7V
0.8
V
Holding current
IH
RGK=1KΩ
5
mA
Latching current
IL
RGK=1KΩ
6
mA
Critical rate of voltage rise
DV/DT
VD=0.67*VDRM(RGK=1KΩ),
Tj=125
°C
V/
µs


Similar Part No. - PCR406

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PCR406 UTC-PCR406 Datasheet
131Kb / 3P
SCRS
logo
Foshan Blue Rocket Elec...
PCR406 FOSHAN-PCR406 Datasheet
705Kb / 6P
Thyristor in a TO-92 Plastic Package
logo
SeCoS Halbleitertechnol...
PCR406 SECOS-PCR406 Datasheet
43Kb / 1P
Silicon Planar PNPN Thyristors
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
SCRs
logo
Unisonic Technologies
PCR406-5-X-T92-B UTC-PCR406-5-X-T92-B Datasheet
131Kb / 3P
SCRS
More results

Similar Description - PCR406

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMCR100 UTC-UTCMCR100 Datasheet
15Kb / 2P
PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
List of Unclassifed Man...
2SA755 ETC-2SA755 Datasheet
40Kb / 1P
SILICON PNP TRIPLE DIFFUSED
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Toshiba Semiconductor
1S1553 TOSHIBA-1S1553 Datasheet
74Kb / 2P
Silicon Epitaxial Planner Type Diode
logo
Solid States Devices, I...
2N5091A SSDI-2N5091A Datasheet
200Kb / 2P
HIGH VOLTAGE SILICON DIFFUSED PNP TRANSISTORS
logo
Electronic devices inc.
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Renesas Technology Corp
2SB1530 RENESAS-2SB1530 Datasheet
147Kb / 7P
Silicon PNP Triple Diffused
logo
New Jersey Semi-Conduct...
2SB642 NJSEMI-2SB642 Datasheet
124Kb / 1P
Silicon PNP epitaxial planner type
BY707-1 NJSEMI-BY707-1 Datasheet
81Kb / 1P
High Voltage Diffused Silicon Rectifiers
VF5-5 NJSEMI-VF5-5 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com