Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR406 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PCR406
Description  UTC PCR406 silicon controlled rectifiers are high performance planner diffused PNP devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PCR406 Datasheet(HTML) 2 Page - Unisonic Technologies

  PCR406 Datasheet HTML 1Page - Unisonic Technologies PCR406 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCPCR406
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R301-010,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Critical rate of current rise
DV/DT
IG=10mA, dIG/dt=0.1A/
µs,
Tj=125
°C
A/
µs
Gate controlled delay time
TGD
IG=10mA, dIG/dt=0.1A/
µs,
2.2
µs
Commutated turn-off time
TG
Tj=85
°C, VD=0.67*VDRM,
VR=35V, IT=IT(AV)
200
µs
CLASSIFICATION OF IGT
RANK
B
C
AA
AB
AC
AD
RANGE
50-100
µA
100-200
µA
8-15
µA
15-20
µA
20-25
µA
25-50
µA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com