Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS324CUAX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS324CUAX
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324CUAX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS324CUAX Datasheet HTML 1Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
3
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
Electrical Specifications - Single +5V Supply (continued)
(V + = 5V ±10%, GND = 0V, V
INH =2.4V, VINL = 0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RON = RON max - RON min
5. Flatness is defined as the difference between the maximum and minimum value of ON-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNCor VNO) ]. See Figure 5.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
II H
N
I
V N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=ll
u
F5
.
0
–5
0
0
.
05
.
0
A
µ
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
II L
N
I
V N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=5
.
0
–5
0
0
.
05
.
0
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
LV H
N
I
4
.
2
V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
c
i
g
o
LV L
N
I
8
.
0
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
VNO r
oVNC
2
e
r
u
g
i
F
,
V
3
=
5
20
35
7
s
n
ll
u
F0
60
5
1
e
m
i
T
f
f
O
-
n
r
u
T
)
3
(
t F
F
O
5
25
20
5
ll
u
F0
50
0
1
y
a
l
e
D
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
)
3
(
tD
,
F
p
5
3
=
L
C
,
m
h
o
0
0
3
=
L
R
,
y
l
n
o
5
2
3
S
P
3
e
r
u
g
i
F
5
25
2
25
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
=
0m
h
o4
e
r
u
g
i
F
,
15
C
p
n
o
it
a
l
o
s
I
f
f
O
)
7
(
R
R
I
ORL
C
,
m
h
o
0
0
5
=
L
5
e
r
u
g
i
F
,
z
H
M
1
=
f
,
F
p
5
=2
7
–
B
d
k
l
a
t
s
s
o
r
CX
K
L
A
T
RL
C
,
m
h
o
0
0
5
=
L
6
e
r
u
g
i
F
,
z
H
M
1
=
f
,
F
p
5
=5
8
–
e
c
n
a
ti
c
a
p
a
C
f
f
O
O
N
r
o
C
NC
)
F
F
O
(
7
e
r
u
g
i
F
,
z
H
M
1
=
f
9
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
9
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
CC
)
N
O
(
M
O
C
8
e
r
u
g
i
F
,
z
H
M
1
=
f2
2
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P+
V7
.
26
1V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
,
V
5
.
5
=
+
V
N
I
,
+
V
r
o
V
0
=
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
a
ll
u
F1
–1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com