Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS324CUAX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS324CUAX
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324CUAX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS324CUAX Datasheet HTML 1Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324CUAX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8188C
10/24/02
Features
• LowOn-Resistance(33-Ohmtyp.)MinimizesDistortion
and Error Voltages
• Low Glitching Reduces Step Errors in Sample-and-Holds.
Charge Injection, 2pC typ.
• Single-SupplyOperation(+2.5Vto+16V)
•· Improved Second Sources for MAX323/MAX324/MAX325
• On-Resistance Matching Between Channels, <2-Ohm
• On-ResistanceFlatness,<6-Ohmmax.
• LowOff-ChannelLeakage,<5nA@+85oC
• TTL/CMOSLogicCompatible
• Fast Switching Speed, tON <150ns
• GuaranteedBreak-Before-Makeaction(PS325only)
eliminates momentary crosstalk
v Rail-to-Rail Analog Signal Dynamic Range
• Low Power Consumption, <5mW
• MSOP Package Minimizes Board Area
Applications
• Audio Switching and Routing
• Portable Instruments
• Data Acquisition Systems
• Sample-and-Holds
• Telecommunication Systems
• Battery-Powered Systems
Description
The PS323/PS324/PS325 are improved high-precision, medium-
voltage analog switches designed to operate with single power
supplies. The PS323 is a dual, single-pole single-throw (SPST),
normally open (NO) switch. The PS324 has the same pinout as the
PS323 but it has two normally closed (NC) switches. The PS325 has
one normally open (NO) and one normally closed (NC) switch per
package. Each switch conducts current equally well in either
direction when on. In the off state, each switch blocks voltages up
to the power-supply rail.
With a +5V power supply, PS323/PS324/PS325 guarantee <60-ohm
ON-resistance. ON-resistance matching between channels is within
2W. ON-resistance flatness is less than 6W over the specified
range. All three devices guarantee low leakage currents (<100 pA
@ 25oC, <10nA @ +85oC) and fast switching speeds (tON<150ns).
Break-before-make switching action protects against momentary
crosstalk (PS325).
For single-supply operation below 5V, PI5A317/318/319 are also
recommended.
3
2
3
S
P
c
i
g
o
Lh
c
t
i
w
S
0
1
F
F
O
N
O
Switches shown for logic “0” input
TopView
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS323/PS324/PS325
Precision, Single-Supply
SPST Analog Switches
FunctionalDiagrams,PinConfigurations,andTruthTables
TopView
TopView
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
PS324
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
PS325
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
PS323
4
2
3
S
P
c
i
g
o
Lh
c
t
i
w
S
0
1
N
O
F
F
O
5
2
3
S
P
c
i
g
o
Lh
c
t
i
w
S1
h
c
t
i
w
S2
0
1
F
F
O
N
O
N
O
F
F
O


Similar Part No. - PS324CUAX

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS32 GOOD-ARK-PS32 Datasheet
380Kb / 4P
Surface Mount Schottky Rectifier
logo
List of Unclassifed Man...
PS32 ETC-PS32 Datasheet
25Kb / 1P
Piercing Saw Frame & Blades
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
STANDARD VALUE
PS320240T-004-1-02 POWERTIP-PS320240T-004-1-02 Datasheet
423Kb / 28P
STANDARD VALUE
More results

Similar Description - PS324CUAX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
August 2004
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com