Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHS035C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NHS035C
Description  INTELLIGENT POWER DEVICE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS035C Datasheet(HTML) 4 Page - Renesas Technology Corp

  NHS035C Datasheet HTML 1Page - Renesas Technology Corp NHS035C Datasheet HTML 2Page - Renesas Technology Corp NHS035C Datasheet HTML 3Page - Renesas Technology Corp NHS035C Datasheet HTML 4Page - Renesas Technology Corp NHS035C Datasheet HTML 5Page - Renesas Technology Corp NHS035C Datasheet HTML 6Page - Renesas Technology Corp NHS035C Datasheet HTML 7Page - Renesas Technology Corp NHS035C Datasheet HTML 8Page - Renesas Technology Corp NHS035C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
µ
PD166028T1K Datasheet
3. Specification
R07DS1162EJ0200 Rev.2.00
Page 4 of 40
May 22, 2015
3.2 Pin Configuration
3.2.1 24-pin Power HSSOP Pin Configuration
Pin No.
Terminal Name
1
GNDA
2
IN1
3
IS1
4
IS2
5
IN2
6
N.C.
7
GNDB
8
IN3
9
IS3
10
IS4
11
IN4
12
VCC
13
SENB
14
OUT4
15
OUT4
16
OUT3
17
OUT3
18
N.C.
19
SENA
20
OUT2
21
OUT2
22
OUT1
23
OUT1
24
VCC
Tab
VCC
Pin function
Terminal Name
Pin function
Recommended connection
GNDm
Ground connection (m=A to B)
Connected to GND through a 100 Ω resistor or a
diode for reverse current protection
Refer chapter 6.
INn
Input signal for channel n (n=1 to 4)
Connected to MCU port through 2k-50K serial
resistor.
ISn
Current sense and Diagnosis output signal
channel n (n=1 to 4)
Connected to GND through a 0.67K-5K resistor.
Not connect if this pin is not used.
SENm
Sense enable input (m=A to B)
Connected to MCU port through 2k-50K serial
resistor. Not connect if this pin is not used.
OUTn
Protected high-side power output channel n (n=1
to 4)
Connected to load with small 50-100nF capacitor
in parallel.
VCC
Positive power supply for logic supply as well as
output power supply
Connected to battery voltage with small 100nF
capacitor in parallel.
N.C.
Non connection
Left open
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
Tab
Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com