Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHS035C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NHS035C
Description  INTELLIGENT POWER DEVICE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS035C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NHS035C Datasheet HTML 3Page - Renesas Technology Corp NHS035C Datasheet HTML 4Page - Renesas Technology Corp NHS035C Datasheet HTML 5Page - Renesas Technology Corp NHS035C Datasheet HTML 6Page - Renesas Technology Corp NHS035C Datasheet HTML 7Page - Renesas Technology Corp NHS035C Datasheet HTML 8Page - Renesas Technology Corp NHS035C Datasheet HTML 9Page - Renesas Technology Corp NHS035C Datasheet HTML 10Page - Renesas Technology Corp NHS035C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
µ
PD166028T1K Datasheet
3. Specification
R07DS1162EJ0200 Rev.2.00
Page 7 of 40
May 22, 2015
3.5 Electrical Characteristics
Operation function
Tch=-40 to 150°C, Vcc=7 to 18V, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Operating Voltage
VCC
4.5
28
V
VIN=4.5V
RL=5.4Ω
Operating current per
channel
IGND
2.2
4
mA
VIN=4.5V
Output Leakage current
per channel
IL(off)
0.5
µ
A
Tch=25°C
VCC=13.5V,
VIN=0V,
VSEN=0V,
VIS=0V,
VOUT=0V,
VGND=0V
3
Tch=-40~125°C
Standby current
ICC(off)
0.7
µ
A
Tch=25°C
VCC=13.5V,
VIN=0V,
VSEN=0V,
VIS=0V,
VOUT=0V,
VGND=0V
4
Tch=-40~85°C
On-state resistance per
channel
Ron
35
mΩ
Tch=25°C, IL=2.5A
80
Tch=150°C, IL=2.5A
Low level IN pin voltage
VIL
0.8
V
High level IN pin voltage
VIH
2.5
V
Low level IN pin current
IIL
2
25
µ
A
VIN=0.8V
High level IN pin current
IIH
2
25
µ
A
VIN=2.5V
Clamping IN pin voltage 1)
VZIN
5
6
V
Low level SEN pin voltage
VSENL
0.8
V
High level SEN pin voltage
VSENH
2.5
V
Low level SEN pin current
ISENL
2
25
µ
A
VSEN=0.8V
High level SEN pin current
ISENH
2
25
µ
A
VSEN=2.5V
Clamping SEN pin voltage1)
VZSEN
5
6
V
Under voltage shutdown
VCC(Uv)
4.5
V
Under voltage restart
VCC(Cpr)
5.0
V
Turn on time
ton
200
µ
s
VCC=13.5V, RL=5.4Ω
Turn on delay time
td(on)
100
µ
s
Turn off time
toff
200
µ
s
Turn off delay time
td(off)
150
µ
s
Slew rate on
dV/dton
1.5
V/µs
Slew rate off
-dV/dtoff
1.5
V/µs
Switching drift1)
ton-toff
-50
+50
µ
s
Vcc = 9 to 18V drift from Vcc=13.5V,
Tch=-40 to 150°C drift from Tch=25°C
ton; Vout=Vcc-1.5V after input signal active
Turn on energy loss 1)
Eon
0.3
0.6
mJ
VCC=13.5V,Tch=25°C, RL=5.4Ω
Turn off energy loss 1)
Eoff
0.3
0.6
mJ
Driving capability 1)
Dr(capa)
300
mΩ
Tch=25°C, VCC=8~16V
350
Tch=105°C, VCC=8~16V
Remark) All voltages refer to ground pin of the device
1) not subjected production test, guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com