Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS324EUAX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PS324EUAX
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324EUAX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PS324EUAX Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 9Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
6
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
TestCircuits/TimingDiagrams
Figure 2. Switching Time
Figure 3. Break-Before-Make Interval (PS325 only)
Figure 4. Charge Injection
V+
+5V
NO
GND
or NC
COM
V
COM = 3V
Logic
Input
IN
tr <20ns
tf <20ns
VOUT = VCOM
RL
RL + RON
()
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
RL
1k
ohm
CL
35pF
LOGIC INPUT WAVEFORMS INVERTED FOR
SWITCHES THAT HAVE OPPOSITE LOGIC
t
OFF
t
ON
V
OUT
90%
Logic
Input
Switch
Output
+3V
0V
0V
50%
90%
V+
V+
V
GND
NC
+3V
IN
Logic
Input
+3V
0V
50%
90%
90%
NO
Logic
Input
CL
CL
RL
35
0V
t
Switch
Output
(VOUT)
OUT
300
Ω
INCLUDES FIXTURE AND STRAY CAPACITANCE.
D
pF
V+
+5V
NO or
GND
NC
COM
R
GEN
VOUT
CL
1nF
V
OUT
∆V
OUT
IN
V
GEN
ON
ON
OFF
OFF
OFF
OFF
IN
Q = (
∆V
OUT)(CL)
IN
Logic
Input
IN POLARITY DEPENDS ON NO OR NC SWITCH FUNCTION
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com