Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS324EUAX Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PS324EUAX
Description  Precision, Single-Supply SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324EUAX Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PS324EUAX Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 9Page - Pericom Semiconductor Corporation PS324EUAX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
9
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
20.0
16.0
12.0
8.0
4.0
0
0
2.4V
4.8V
7.2V
9.6V
12V
VIN (V)
40.0
32.0
24.0
16.0
8.0
0
0
1.0V
2.0V
3.0V
4.0V
5.0V
VIN (V)
Figure 11. On Resistance vs. Switch Voltage, VCC = 5V
Figure 12. On Resistance vs. Switch Voltage, VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com