Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_614 Datasheet(PDF) 13 Page - IXYS Corporation

Part # IXD_614
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_614 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IXD_614 Datasheet HTML 6Page - IXYS Corporation IXD_614 Datasheet HTML 7Page - IXYS Corporation IXD_614 Datasheet HTML 8Page - IXYS Corporation IXD_614 Datasheet HTML 9Page - IXYS Corporation IXD_614 Datasheet HTML 10Page - IXYS Corporation IXD_614 Datasheet HTML 11Page - IXYS Corporation IXD_614 Datasheet HTML 12Page - IXYS Corporation IXD_614 Datasheet HTML 13Page - IXYS Corporation IXD_614 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
R06
www.ixysic.com
13
5.4.3 YI (5-Pin TO-263)
5.4.4 CI (5-Pin TO-220)
DIMENSIONS
mm MIN / mm MAX
(inches MIN / inches / MAX)
NOTES:
1. All metal surfaces are solder-plated except trimmed area.
2. No. 3 lead is connected to No. 6 lead (bottom heat sink) internally.
8.636 / 9.144
(0.340 / 0.360)
14.605 / 15.875
(0.575 / 0.625)
9.652 / 10.312
(0.380 / 0.406)
1.70 BSC
(0.067 BSC)
1 2 3 4 5
0.737 / 0.889
(0.029 / 0.035)
1.143 / 1.651
(0.045 / 0.065)
4.318 / 4.597
(0.170 / 0.181)
1.143 / 1.397
(0.045 / 0.055)
2.286 / 2.794
(0.090 / 0.110)
0º - 8º
6.858 MIN
(0.270 MIN)
6.223 MIN
(0.245 MIN)
6
3.95
(0.156)
3.65
(0.144)
6.35
(0.250)
1.00
(0.039)
1.70
(0.067)
10.40
(0.409)
9.30
(0.366)
Recommended PCB Pattern
0.000 / 0.305
(0.000 / 0.012)
NOTES:
1. This drawing will meet all dimensions requirement of
JEDEC outlines TS-001AA and 5-lead version TO-220AB.
2. Mounting hole diameter: 3.53 / 3.96 (0.139 / 0.156)
3. The metal tab is connected to pin 3 (GND).
Finished Hole Diameter = 1.45mm (0.057 in.)
Recommended Hole Pattern
1.70mm (0.067 in.)
25.27 / 26.54
(0.995 / 1.045)
11.94 / 12.95
(0.470 / 0.510)
14.73 / 15.75
(0.580 / 0.620)
9.91 / 10.54
(0.390 / 0.415)
1.70 BSC
(0.067 BSC)
0.64 / 1.02
(0.025 / 0.040)
8.64 / 9.40
(0.340 / 0.370)
4.32 / 4.83
(0.170 / 0.190)
1.14 / 1.40
(0.045 / 0.055)
0.38 / 0.64
(0.015 / 0.025)
2.29 / 2.92
(0.090 / 0.115)
DIMENSIONS
mm MIN / mm MAX
(inches MIN / inches / MAX)
12.387
(0.487)
6.299
(0.248)
7.823
(0.308)
12.70 / 14.73
(0.50 / 0.58)
7.620
(0.300)
6.502
(0.256)
1 2 3 4 5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com