Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_614 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXD_614
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_614 Datasheet(HTML) 1 Page - IXYS Corporation

  IXD_614 Datasheet HTML 1Page - IXYS Corporation IXD_614 Datasheet HTML 2Page - IXYS Corporation IXD_614 Datasheet HTML 3Page - IXYS Corporation IXD_614 Datasheet HTML 4Page - IXYS Corporation IXD_614 Datasheet HTML 5Page - IXYS Corporation IXD_614 Datasheet HTML 6Page - IXYS Corporation IXD_614 Datasheet HTML 7Page - IXYS Corporation IXD_614 Datasheet HTML 8Page - IXYS Corporation IXD_614 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IXD_614-R06
www.ixysic.com
1
Features
• 14A Peak Source/Sink Drive Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Extended Operating Temperature
Range
• Logic Input Withstands Negative Swing of up to 5V
• Low Propagation Delay Time
• Low, 10
A Supply Current
• Low Output Impedance
Applications
• Efficient Power MOSFET and IGBT Switching
• Switch Mode Power Supplies
• Motor Controls
• DC to DC Converters
• Class-D Switching Amplifiers
• Pulse Transformer Driver
Description
The IXDD614 / IXDI614 / IXDN614 high-speed gate
drivers are especially well suited for driving the latest
IXYS MOSFETs and IGBTs. Each output can source
and sink 14A of peak current while producing voltage
rise and fall times of less than 30ns. Internal circuitry
eliminates cross-conduction and current
"shoot-through," making the driver virtually immune to
latch up. Low propagation delay with fast rise and fall
times make the IXD_614 family ideal for
high-frequency and high-power applications.
The IXDD614 is configured as a non-inverting driver
with an enable. The IXDN614 is configured as a
non-inverting driver, and the IXDI614 is configured as
an inverting driver.
The IXD_614 family is available in an 8-pin DIP (PI),
an 8-pin Power SOIC with an exposed metal back (SI),
a 5-pin TO-220 (CI), and a 5-pin TO-263 (YI) package.
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD614PI
8-Pin DIP
Tube
50
IXDD614SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD614SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD614CI
5-Pin TO-220
Tube
50
IXDD614YI
5-Pin TO-263
Tube
50
IXDI614PI
8-Pin DIP
Tube
50
IXDI614SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI614SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI614CI
5-Pin TO-220
Tube
50
IXDI614YI
5-Pin TO-263
Tube
50
IXDN614PI
8-Pin DIP
Tube
50
IXDN614SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN614SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN614CI
5-Pin TO-220
Tube
50
IXDN614YI
5-Pin TO-263
Tube
50
IN
EN
OUT
IN
OUT
IN
OUT
IXD_614
14-Ampere Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXD_614

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDD614CI CLARE-IXDD614CI Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXDD614PI CLARE-IXDD614PI Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXDD614SI CLARE-IXDD614SI Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD614SI IXYS-IXDD614SI Datasheet
260Kb / 12P
AEC Q100 Qualified
logo
Clare, Inc.
IXDD614SITR CLARE-IXDD614SITR Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXD_614

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
Up to 8 Amp Peak Source and Sink Current
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
IXYS Corporation
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
30A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
2A Peak Source/Sink Drive Current
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
9A Peak Source/Sink Drive Current
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
2A Peak Sink/Source DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
7A Sink/3A Source Current
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com