Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD614PI Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDD614PI
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD614PI Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDD614PI Datasheet HTML 6Page - IXYS Corporation IXDD614PI Datasheet HTML 7Page - IXYS Corporation IXDD614PI Datasheet HTML 8Page - IXYS Corporation IXDD614PI Datasheet HTML 9Page - IXYS Corporation IXDD614PI Datasheet HTML 10Page - IXYS Corporation IXDD614PI Datasheet HTML 11Page - IXYS Corporation IXDD614PI Datasheet HTML 12Page - IXYS Corporation IXDD614PI Datasheet HTML 13Page - IXYS Corporation IXDD614PI Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
10
www.ixysic.com
R06
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
-10
-12
-14
-16
-18
-20
-22
Output Source Current
vs. Temperature
(C
L=330nF, VCC=18V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
16
17
18
19
20
21
22
23
24
Output Sink Current
vs. Temperature
(C
L=330nF, VCC=18V)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
High-State Output Resistance @ -10mA
vs. Supply Voltage
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Low-State Output Resistance @ +10mA
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com