Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD614PI Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXDD614PI
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD614PI Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXDD614PI Datasheet HTML 6Page - IXYS Corporation IXDD614PI Datasheet HTML 7Page - IXYS Corporation IXDD614PI Datasheet HTML 8Page - IXYS Corporation IXDD614PI Datasheet HTML 9Page - IXYS Corporation IXDD614PI Datasheet HTML 10Page - IXYS Corporation IXDD614PI Datasheet HTML 11Page - IXYS Corporation IXDD614PI Datasheet HTML 12Page - IXYS Corporation IXDD614PI Datasheet HTML 13Page - IXYS Corporation IXDD614PI Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
R06
www.ixysic.com
11
5
Manufacturing Information
5.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to the
latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee
proper operation of our devices when handled according to the limitations and information in that standard as well as
to any limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
5.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
5.3 Soldering Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
Device
Moisture Sensitivity Level (MSL) Rating
IXD_614SI / IXD_614PI /IXD_614CI / IXD_614YI
MSL 1
Device
Maximum Temperature x Time
IXD_614CI / IXD_614YI
245°C for 30 seconds
IXD_614PI
250°C for 30 seconds
IXD_614SI
260°C for 30 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com