Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_630 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXD_630
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_630 Datasheet(HTML) 5 Page - IXYS Corporation

  IXD_630 Datasheet HTML 1Page - IXYS Corporation IXD_630 Datasheet HTML 2Page - IXYS Corporation IXD_630 Datasheet HTML 3Page - IXYS Corporation IXD_630 Datasheet HTML 4Page - IXYS Corporation IXD_630 Datasheet HTML 5Page - IXYS Corporation IXD_630 Datasheet HTML 6Page - IXYS Corporation IXD_630 Datasheet HTML 7Page - IXYS Corporation IXD_630 Datasheet HTML 8Page - IXYS Corporation IXD_630 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
R03
www.ixysic.com
5
1.6 Electrical Characteristics: TA = - 40°C to +125°C
Test Conditions: UVLO < VCC < 35V, TJ<150°C.
1.7 Thermal Characteristics
Parameter
Conditions
Symbol
Minimum
Maximum
Units
Input Voltage, High
UVLO < VCC < 18V
VIH
4-
V
Input Voltage, Low
UVLO < VCC < 18V
VIL
-0.8
Output Resistance, High State
VCC=18V, IOUT= -100mA
ROH
-0.6
Output Resistance, Low State
VCC=18V, IOUT=100mA
ROL
-0.45
Rise Time
CLOAD=5.6nF, VCC=18V
tr
-35
ns
Fall Time
CLOAD=5.6nF, VCC=18V
tf
-35
On-Time Propagation Delay
CLOAD=5.6nF, VCC=18V
tondly
-100
Off-Time Propagation Delay
CLOAD=5.6nF, VCC=18V
toffdly
-100
Package
Parameter
Symbol
Rating
Units
IXD_630CI (5-Lead TO-220)
Thermal Resistance, Junction-to-Ambient
JA
36
°C/W
IXD_630YI (5-Lead TO-263)
46
IXD_630CI (5-Lead TO-220)
Thermal Resistance, Junction-to-Case
JC
3
°C/W
IXD_630YI (5-Lead TO-263)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com