Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_630 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXD_630
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_630 Datasheet(HTML) 1 Page - IXYS Corporation

  IXD_630 Datasheet HTML 1Page - IXYS Corporation IXD_630 Datasheet HTML 2Page - IXYS Corporation IXD_630 Datasheet HTML 3Page - IXYS Corporation IXD_630 Datasheet HTML 4Page - IXYS Corporation IXD_630 Datasheet HTML 5Page - IXYS Corporation IXD_630 Datasheet HTML 6Page - IXYS Corporation IXD_630 Datasheet HTML 7Page - IXYS Corporation IXD_630 Datasheet HTML 8Page - IXYS Corporation IXD_630 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IXD_630-R03
www.ixysic.com
1
e3
Pb
Features
• 30A Peak Source/Sink Drive Current
• High Operating Voltage Capability: 35V
• -40°C to +125°C Extended Operating Temperature
Range
• Under-Voltage Lockout Protection
• Logic Input Withstands Negative Swing of up to 5V
• Fast Rise and Fall Times: < 20ns
• Low Propagation Delay Time
• Low 10
A Supply Current
• Low Output Impedance
Applications
• Efficient Power MOSFET and IGBT Switching
• Switch Mode Power Supplies
• Motor Controls
• DC to DC Converters
• Class-D Switching Amplifiers
• Pulse Transformer Driver
Description
The IXDD630/IXDI630/IXDN630 high-speed gate
drivers are especially well suited for driving the latest
IXYS power MOSFETs and IGBTs. The IXD_630
output can source and sink 30A of peak current while
producing voltage rise and fall times of less than 20ns.
Internal circuitry eliminates cross conduction and
current "shoot-through," and the driver is virtually
immune to latch up. Under-voltage lockout (UVLO)
circuitry holds the output LOW until sufficient supply
voltage is applied (12.5V for the IXD_630 versions,
and 9V for the IXD_630M versions). Low propagation
delays and fast, matched rise and fall times make the
IXD_630 family ideal for very high frequency and
high-power applications.
The IXDD630 is configured as a non-inverting driver
with an enable. The IXDN630 is configured as a
non-inverting driver, and the IXDI630 is configured as
an inverting driver.
The IXD_630 family is available in a 5-pin TO-220 (CI),
and a 5-pin TO-263 (YI) package.
Ordering Information
Part Number
Logic
Configuration
UVLO
Package Type
Packing
Method
Quantity
IXDD630CI
12.5V
5-Pin TO-220
Tube
50
IXDD630MCI
9V
5-Pin TO-220
Tube
50
IXDD630YI
12.5V
5-Pin TO-263
Tube
50
IXDD630MYI
9V
5-Pin TO-263
Tube
50
IXDI630CI
12.5V
5-Pin TO-220
Tube
50
IXDI630MCI
9V
5-Pin TO-220
Tube
50
IXDI630YI
12.5V
5-Pin TO-263
Tube
50
IXDI630MYI
9V
5-Pin TO-263
Tube
50
IXDN630CI
12.5V
5-Pin TO-220
Tube
50
IXDN630MCI
9V
5-Pin TO-220
Tube
50
IXDN630YI
12.5V
5-Pin TO-263
Tube
50
IXDN630MYI
9V
5-Pin TO-263
Tube
50
IN
EN
OUT
IN
OUT
IN
OUT
IXD_630
30-Ampere Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXD_630

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDD630CI CLARE-IXDD630CI Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
IXDD630MCI CLARE-IXDD630MCI Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
IXDD630MYI CLARE-IXDD630MYI Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
IXDD630YI CLARE-IXDD630YI Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
IXDI630CI CLARE-IXDI630CI Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXD_630

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
Up to 8 Amp Peak Source and Sink Current
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
IXYS Corporation
IXD_614 IXYS-IXD_614 Datasheet
310Kb / 14P
14A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
2A Peak Source/Sink Drive Current
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
9A Peak Source/Sink Drive Current
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
2A Peak Sink/Source DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
7A Sink/3A Source Current
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com