Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614SI Datasheet(PDF) 12 Page - IXYS Corporation

Part # IXDI614SI
Description  AEC Q100 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI614SI Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IXDI614SI Datasheet HTML 4Page - IXYS Corporation IXDI614SI Datasheet HTML 5Page - IXYS Corporation IXDI614SI Datasheet HTML 6Page - IXYS Corporation IXDI614SI Datasheet HTML 7Page - IXYS Corporation IXDI614SI Datasheet HTML 8Page - IXYS Corporation IXDI614SI Datasheet HTML 9Page - IXYS Corporation IXDI614SI Datasheet HTML 10Page - IXYS Corporation IXDI614SI Datasheet HTML 11Page - IXYS Corporation IXDI614SI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614SI
12
www.ixysic.com
R01
5.4 Mechanical Dimensions
5.4.1 IXD_614SI Package (8-Pin Power SOIC with Exposed Metal Back)
Note: The exposed metal pad on the back of the SI package should be connected to GND. It is not suitable for
carrying current.
5.4.2 IXD_614SITR Tape & Reel Information
Recommended PCB Land Pattern
Dimensions
mm
(inches)
1.346 ± 0.076
(0.053 ± 0.003)
0.051 MIN - 0.254 MAX
(0.002 MIN - 0.010 MAX)
4.928 ± 0.254
(0.194 ± 0.010)
Pin 1
0.406 ± 0.076
(0.016 ± 0.003)
5.994 ± 0.254
(0.236 ± 0.010)
3.937 ± 0.254
(0.155 ± 0.010)
1.270 REF
(0.050)
0.762 ± 0.254
(0.030 ± 0.010)
7º
2.540 ± 0.254
(0.100 ± 0.010)
3.556 ± 0.254
(0.140 ±0.010)
1.27
(0.050)
5.40
(0.209)
1.55
(0.061)
0.60
(0.024)
2.75
(0.108)
3.80
(0.150)
Dimensions
mm
(inches)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
K
0= 2.10
(0.083)
W=12.00
(0.472)
B
0=5.30
(0.209)
User Direction of Feed
A
0=6.50
(0.256)
P=8.00
(0.315)
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IXD_614SI-R01
©Copyright 2015, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
1/28/2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com