Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614SI Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDI614SI
Description  AEC Q100 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI614SI Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDI614SI Datasheet HTML 4Page - IXYS Corporation IXDI614SI Datasheet HTML 5Page - IXYS Corporation IXDI614SI Datasheet HTML 6Page - IXYS Corporation IXDI614SI Datasheet HTML 7Page - IXYS Corporation IXDI614SI Datasheet HTML 8Page - IXYS Corporation IXDI614SI Datasheet HTML 9Page - IXYS Corporation IXDI614SI Datasheet HTML 10Page - IXYS Corporation IXDI614SI Datasheet HTML 11Page - IXYS Corporation IXDI614SI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614SI
8
www.ixysic.com
R01
4
Typical Performance Characteristics
Load Capacitance (nF)
246
8
10
12
14
16
5
10
15
20
25
30
35
40
45
50
Fall Time vs. Load Capacitance
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Load Capacitance (nF)
246
8
10
12
14
16
Rise Time vs. Load Capacitance
5
10
15
20
25
30
35
40
45
50
V
CC=4.5V
V
CC=8V
V
CC=12V
V
CC=18V
V
CC=25V
V
CC=30V
V
CC=35V
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
5
6
7
8
9
10
11
12
13
14
15
Rise & Fall Time vs. Temperature
(V
IN=0-5V, f=10kHz, CL=3.6nF, VCC=18V)
t
F
t
R
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
Fall Time vs. Supply Voltage
(V
IN=0V-5V, f=10kHz, TA=25ºC)
C
L=15nF
C
L=7.5nF
C
L=3.6nF
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
Rise Time vs. Supply Voltage
(V
IN=0-5V, f=10kHz, TA=25ºC)
C
L=15nF
C
L=7.5nF
C
L=3.6nF
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
Propagation Delay vs. Supply Voltage
(V
IN=0-5V, f=1kHz, CL=15nF)
t
OFFDLY
t
ONDLY
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
1.5
2.0
2.5
3.0
3.5
Input Threshold
vs. Supply Voltage
Min V
IH
Max V
IL
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
1.5
2.0
2.5
3.0
3.5
Input Threshold
vs. Temperature
(C
L=3.6nF, VCC=18V)
Min V
IH
Max V
IL
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
40
45
50
55
60
65
70
Propogation Delay
vs. Junction Temperature
(V
IN=0-5V, f=1kHz, CL=15nF, VCC=18V)
t
OFFDLY
t
ONDLY
Input Voltage (V)
246
8
10
12
14
40
60
80
100
120
140
160
Propagation Delay vs. Input Voltage
(V
IN=0-5V, f=1kHz, CL=15nF, VCC=12V)
t
OFFDLY
t
ONDLY
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
Enable Threshold
vs. Supply Voltage
Min V
ENH
Max V
ENL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com