Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614SI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDI614SI
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI614SI Datasheet(HTML) 3 Page - IXYS Corporation

  IXDI614SI Datasheet HTML 1Page - IXYS Corporation IXDI614SI Datasheet HTML 2Page - IXYS Corporation IXDI614SI Datasheet HTML 3Page - IXYS Corporation IXDI614SI Datasheet HTML 4Page - IXYS Corporation IXDI614SI Datasheet HTML 5Page - IXYS Corporation IXDI614SI Datasheet HTML 6Page - IXYS Corporation IXDI614SI Datasheet HTML 7Page - IXYS Corporation IXDI614SI Datasheet HTML 8Page - IXYS Corporation IXDI614SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
R06
www.ixysic.com
3
1
Specifications
1.1 Pin Configurations
1.2 Pin Definitions
Note: IXYS Integrated Circuits Division recommends
that the exposed metal pad on the back of the “SI”
package be connected to GND. The pad is not
suitable for carrying current.
1.3 Absolute Maximum Ratings
Unless stated otherwise, absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 Recommended Operating Conditions
1
4
3
2
8
5
6
7
V
CC
IN
EN
GND
V
CC
OUT
OUT
GND
1
4
3
2
5
V
CC
OUT
GND
IN
EN
1
4
3
2
8
5
6
7
V
CC
IN
NC
GND
V
CC
OUT
OUT
GND
1
4
3
2
5
V
CC
OUT
GND
IN
NC
1
4
3
2
8
5
6
7
V
CC
IN
NC
GND
V
CC
OUT
OUT
GND
1
4
3
2
5
V
CC
OUT
GND
IN
NC
IXDD614 PI / SI
IXDI614 PI / SI
IXDN614 PI / SI
IXDD614 CI / YI
IXDI614 CI / YI
IXDN614 CI / YI
Pin Name
Description
IN
Logic Input
EN
Output Enable - Drive pin low to disable output,
and force output to a high impedance state
OUT
Output - Sources or sinks current to turn-on or
turn-off a discrete MOSFET or IGBT
OUT
Inverted Output - Sources or sinks current to
turn-on or turn-off a discrete MOSFET or IGBT
VCC
Supply Voltage - Provides power to the device
GND
Ground - Common ground reference for the
device
NC
Not connected
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
40
V
Input Voltage
VIN , VEN
-5
VCC+0.3
V
Output Current
IOUT
-±14
A
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C
Parameter
Symbol
Range
Units
Supply Voltage
VCC
4.5 to 35
V
Operating Temperature Range
TA
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com