Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614SI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDI614SI
Description  14A Peak Source/Sink Drive Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI614SI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDI614SI Datasheet HTML 5Page - IXYS Corporation IXDI614SI Datasheet HTML 6Page - IXYS Corporation IXDI614SI Datasheet HTML 7Page - IXYS Corporation IXDI614SI Datasheet HTML 8Page - IXYS Corporation IXDI614SI Datasheet HTML 9Page - IXYS Corporation IXDI614SI Datasheet HTML 10Page - IXYS Corporation IXDI614SI Datasheet HTML 11Page - IXYS Corporation IXDI614SI Datasheet HTML 12Page - IXYS Corporation IXDI614SI Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_614
R06
www.ixysic.com
9
Load Capacitance (nF)
246
8
10
12
14
16
18
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=35V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
f=2MHz
Load Capacitance (nF)
246
8
10
12
14
16
18
0.1
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=18V)
f=2MHz
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Load Capacitance (nF)
246
8
10
12
14
16
18
0.1
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=12V)
f=2MHz
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Frequency (kHz)
1
10
100
1000
10000
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=35V)
C
L=15nF
C
L=7.5nF
C
L=3.6nF
Frequency (kHz)
1
10
100
1000
10000
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=18V)
C
L=15nF
C
L=7.5nF
C
L=3.6nF
Frequency (kHz)
1
10
100
1000
10000
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=12V)
C
L=15nF
C
L=7.5nF
C
L=3.6nF
Load Capacitance (nF)
246
8
10
12
14
16
18
0.01
0.1
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=8V)
f=2MHz
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
-0.5
0.0
0.5
1.0
1.5
2.0
Quiescent Supply Current
vs. Temperature
3.5V
5V
10V
0V & 18V
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Dynamic Supply Current
vs. Temperature
(V
IN=0-5V, f=1kHz, CL=5.4nF, VCC=18V)
Frequency (kHz)
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=8V)
C
L=15nF
C
L=7.5nF
C
L=3.6nF
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
-5
-10
-15
-20
-25
-30
-35
Output Source Current
vs. Supply Voltage
(C
L=330nF)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
45
Output Sink Current
vs. Supply Voltage
(C
L=330nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com