Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI630CI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDI630CI
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI630CI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDI630CI Datasheet HTML 1Page - IXYS Corporation IXDI630CI Datasheet HTML 2Page - IXYS Corporation IXDI630CI Datasheet HTML 3Page - IXYS Corporation IXDI630CI Datasheet HTML 4Page - IXYS Corporation IXDI630CI Datasheet HTML 5Page - IXYS Corporation IXDI630CI Datasheet HTML 6Page - IXYS Corporation IXDI630CI Datasheet HTML 7Page - IXYS Corporation IXDI630CI Datasheet HTML 8Page - IXYS Corporation IXDI630CI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
4
www.ixysic.com
R03
1.4 Recommended Operating Conditions
1.5 Electrical Characteristics: TA = 25°C
Test Conditions: UVLO < VCC < 35V (unless otherwise noted).
Parameter
Symbol
Range
Units
Supply Voltage
VCC
UVLO to 35
V
Operating Temperature Range
TA
-40 to +125
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Voltage, High
UVLO < VCC < 18V
VIH
3.5
-
-
V
Input Voltage, Low
UVLO < VCC < 18V
VIL
--
0.8
Input Current
0V < VIN < VCC
IIN
--
±10
A
EN Input Voltage, High
IXDD630 only
VENH
2/3VCC
--
V
EN Input Voltage, Low
IXDD630 only
VENL
--
1/3VCC
Output Voltage, High
-
VOH
VCC-0.025
--
V
Output Voltage, Low
-
VOL
-
-
0.025
Output Resistance, High State
VCC=18V, IOUT= -100mA
ROH
-0.17
0.4
Output Resistance, Low State
VCC=18V, IOUT=100mA
ROL
-0.16
0.3
Output Current, Continuous
Limited by package power
dissipation
IDC
--
±8
A
Rise Time
CLOAD=5.6nF, VCC=18V
tr
-11
20
ns
Fall Time
CLOAD=5.6nF, VCC=18V
tf
-11
18
On-Time Propagation Delay
CLOAD=5.6nF, VCC=18V
tondly
-46
65
Off-Time Propagation Delay
CLOAD=5.6nF, VCC=18V
toffdly
-46
65
Output Enable Time
IXDD630 only
tPZL, tPZH
-34
65
Output Disable Time
IXDD630 only
tPLZ, tPHZ
-65
125
Enable Pull-Up Resistor
IXDD630 only
REN
-400
-
k
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-2.5
4
mA
VCC=18V, VIN=0V
-
-
0.75
mA
VCC=18V, VIN=VCC
-
-
0.75
Under-Voltage Lockout Threshold
VCC Rising, IXD_630M
UVLO
79
9.9
V
VCC Rising, IXD_630
10
12.5
13.5
Under-Voltage Lockout Hysteresis
IXD_630M
-
-1
-
V
IXD_630
-1.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com