Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI630CI Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDI630CI
Description  30A Peak Source/Sink Drive Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI630CI Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDI630CI Datasheet HTML 4Page - IXYS Corporation IXDI630CI Datasheet HTML 5Page - IXYS Corporation IXDI630CI Datasheet HTML 6Page - IXYS Corporation IXDI630CI Datasheet HTML 7Page - IXYS Corporation IXDI630CI Datasheet HTML 8Page - IXYS Corporation IXDI630CI Datasheet HTML 9Page - IXYS Corporation IXDI630CI Datasheet HTML 10Page - IXYS Corporation IXDI630CI Datasheet HTML 11Page - IXYS Corporation IXDI630CI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_630
8
www.ixysic.com
R03
Load Capacitance (nF)
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=35V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (nF)
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=18V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (pF)
5000
10000
15000
20000
25000
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=12V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (pF)
5000
10000
15000
20000
25000
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=10V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=35V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=18V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=12V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=10V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Quiesent Supply Current
vs. Temperature
(V
CC=18V)
V
IN=3.5V
V
IN=5V
V
IN=10V
V
IN=0V & 18V
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Dynamic Supply Current
vs. Temperature
(V
CC=18V, VIN=0-5V, f =1kHz, CLOAD=5.6nF)
Supply Voltage (V)
10
15
20
25
30
35
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
-60
-65
Output Source Current
vs. Supply Voltage
(V
IN=7V, CLOAD=1μF)
Supply Voltage (V)
10
15
20
25
30
35
10
15
20
25
30
35
40
45
50
55
60
65
Output Sink Current
vs. Supply Voltage
(V
IN=7V, CLOAD=1μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com