Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ76A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ76A
Description  SOA is Power Dissipation Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ76A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ76A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ76A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ76A
DESCRIPTION
·2.6A, 400V
·SOA is Power Dissipation Limited
·Nanosecond Switching Speeds
·Linear Transfer Characteristics
·High Input Impedance
·Majority Carrier Device
APPLICATIONS
·applications such as switching regulators, switching
converters, motor drivers,relay drivers, and drivers for
high power bipolar switching transistors requiring high
speed and low gate drive power.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
400
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
2.6
A
Ptot
Total Dissipation@TC=25℃
40
W
Tj
Max. Operating Junction Temperature
-55-150
℃
Tstg
Storage Temperature Range
-55-150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ76A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ76A SIEMENS-BUZ76A Datasheet
172Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ76A INFINEON-BUZ76A Datasheet
139Kb / 9P
SIPMOS Power Transistor
07/96
More results

Similar Description - BUZ76A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6898 ISC-2N6898 Datasheet
47Kb / 2P
SOA is power-dissipation limited
BUK444-800B ISC-BUK444-800B Datasheet
67Kb / 2P
SOA is Power Dissipation Limited
BUZ40B ISC-BUZ40B Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ42 ISC-BUZ42 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ64 ISC-BUZ64 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ84 ISC-BUZ84 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ15 ISC-BUZ15 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ34 ISC-BUZ34 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ36 ISC-BUZ36 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com