Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2017-09-A-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2017-09-A-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2017-09-A-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2017-09-A-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2017-09-A-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2017-09-A-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2017SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/
EU June 8, 2011.
“FLAT” is a registered trademark of Bourns, Inc. in the U.S. and other countries.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different
applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Description
Bourns sets a new industry standard by offering this 2-electrode Gas Discharge Tube (GDT) in an innovative flat package design.
The Model 2017 Series with FLAT® Technology provides a volume and space-saving solution for high density and space-restricted
PCB applications. The series is offered in a leadless version for cartridge or clamp fit applications. Surface mount versions are
available in vertical and horizontal mounting configurations.
Features
n
Bourns® FLAT® GDT technology
n
Flexible mounting options
n
Volume- and space-saving design
n
Improved impulse performance
n
10 kA 8/20 µs rated
n
UL Recognized
n
RoHS compliant*
Applications
n
Telecom CPE
n
Industrial Communications
n
Surge Protective Devices
n
High density PCB assemblies
Characteristics
Test Methods per ITU-T (CCITT) K.12 Class 3 and IEC 61643-311
Characteristic
Model No.
2017-09
2017-15
2017-23
2017-35
2017-42
2017-50
DC Sparkover ±20 % @ 100 V/s (1)
DC Sparkover End-of-Life Values (2)
Maximum (99 % of values)
Minimum (99 % of values)
90 V
<120 V
>65 V
150 V
<195 V
>110 V
230 V
<300 V
>170 V
350 V
<455 V
>260 V
420 V
<550 V
>360 V
500 V
<650 V
>400 V
Impulse Sparkover Voltage (3)
100 V/µs Typical /
For 99 % of Values
1 kV/µs Typical /
For 99 % of Values
350 / <450 V
600 / <800 V
400 / <550 V
600 / <850 V
450 / <600 V
700 / <950 V
600 / <750 V
800 / <1000 V
700 / <850 V
900 / <1050 V
750 / <950 V
950 / <1200 V
Insulation Resistance (IR) ..................100 V (50 V for Model 2017-09)............................................. >1 GΩ
Glow Voltage ......................................10 mA..................................................................................... ~70 V
Arc Voltage .........................................>1 A........................................................................................ ~10 V
Capacitance........................................1 MHz..................................................................................... <2.5 pF
Impulse Discharge Current.................12000 A, 8/20 µs .................................................................... 1 operation
10000 A, 8/20 µs .................................................................... >10 operations
2500 A, 10/350 µs .................................................................. 1 operation
100 A, 10/1000 µs ................................................................. >300 operations
10 A, 10/1000 µs ................................................................... >1500 operations
Alternating Discharge Current ............10 Arms, 1 s ........................................................................... >10 operations
Operating Temperature....................................................................................................................... -55 to +85 °C
Storage Temperature.......................................................................................................................... -55 to +105 °C
Climatic Category (IEC 60068-1)........................................................................................................ 40/90/21
Pushover Strength (4) ........................................................................................................................ 5 kg
Notes:
UL Recognized component, UL File E153537
(1) In ionized mode.
(3) At delivery AQL 0.65 Level II, DIN ISO 2859.
(2) IR after life >108 Ω.
(4) Pushover Strength test performed on a board-mounted Model 2017-xx-SMC (Vertical Mount).
17-6814
17-9
814
How to Order
2017 - xx - xxx - RP LF
Series Designator
2017 = 2-electrode GDT with FLAT®
Technology, 10 kA 8/20 µs rated
Voltage (Divided by 10)
09 = 90 V
23 = 230 V
42 = 420 V
15 = 150 V
35 = 350 V
50 = 500 V
Configuration
A = No Leads, (Clamp-Cartridge)
SMH = Horizontal Mount SMD
SMC = Vertical Mount SMD
Packaging
RP = Reelpack (Standard)
RoHS Compliancy
LF = RoHS Compliant Product
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA: Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2017-09-A-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
More results

Similar Description - 2017-09-A-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2029-XX-SMLF BOURNS-2029-XX-SMLF Datasheet
250Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com