Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2017-09-A-RPLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2017-09-A-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2017-09-A-RPLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2017-09-A-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2017-09-A-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2017-09-A-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV. 01/16
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2017SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
Model 2017-xx-SMC-RPLF: The standard tape and reel packaging
contains 500 pieces per 13-inch reel.
Model 2017-xx-SMH-RPLF
and 2017-xx-A-RPLF:
The standard tape and reel packaging
contains 2,000 pieces per 13-inch reel.
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
2017-xx-SMC-RPLF
2017-xx-SMH-RPLF
2017-xx-A-RPLF
85.0 ± 2.0
(3.346 ± .079)
356.0 ± 2.0
(14.016 ± .079)
DIA.
14.0 +1.0/-0.0
(.551 +.039/-.00)
DIA.
6.2 ± 1.0
(.244 ± .039)
90.0 ± 2.0
(3.543 ± .079)
90.0 ± 2.0
(3.543 ± .079)
10.0 ± 1.0
(.394 ± .039)
SPACING
105.0
(4.134)
A
A
B
B
C
C
SECTION A-A
SECTION B-B
SECTION C-C
12.0 ± 0.1
(.472 ± .004)
12.0 ± 0.1
(.472 ± .004)
2.0 ± 0.1
(.079 ± .004)
4.0 ± 0.1
(.157 ± .004)
1.75
(.069)
0.50 ± 0.05
(.020 ± .002)
8.5 +0.15/-0.05
(.335 +.006/-.002)
9.3 ± 0.1
(.366 ± .004)
9.1 +0.2/-0.0
(.358 +.008/-.000)
7.50
(.295)
16.0
(.630)
8.2 +0.2/-0.0
(.323 +.008/-.000)
330
(12.992)
2.2 ± 0.5
(.087 ± .020)
13.0 ± 0.2
(.512 ± .008)
100 ± 1.0
(3.937 ± .039)
16.5 ± 0.1
(.650 ± .004)
20.2 ± 1.0
(.795 ± .039)
1.50 ± 0.10
(.059 ± .004)
DIA.
8.30 ± 0.05
(.327 ± .002)
DIA.
2.00 ± 0.10
(.079 ± .004)
2.85 +0.10/-0.05
(.112 +.004/-.002)
0.40 ± 0.10
(.016 ± .004)
4.00 ± 0.10
(.157 ± .004)
12.00 ± 0.10
(.472 ± .004)
1.75 +0.10/-0.00
(.069 +.004/-.000)
2.40 +0.25/-0.00
(.095 +.010/-.000)
2.55 +0.20/-0.05
(.100 +.008/-.002)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
2.40 +0.25/-0.00
(.095 +.010/-.000)
93 °±2 °
8.50 ± 0.10
(.335 ± .004)
11.13 ± 0.10
(.438 ± .004)
16.00 ± 0.30
(.630 ± .012)
8.05 ± 0.10
(.317 ± .004)
11.03 ± 0.10
(.434 ± .004)
2.98 ± 0.10
(.117 ± .004)
10.38 ± 0.10
(.409 ± .004)
8.90 +0.20 /-0.05
(.350 +.008/-.002)
8.90 +0.20 /-0.05
(.350 +.008/-.002)
9.05 +0.20 /-0.05
(.356 +.008/-.002)
0.65 ± 0.10
(.026 ± .004)
2.00 ± 0.10
(.079 ± .004)
12.00 ± 0.10
(.472 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.75 +0.10/-0.00
(.069 +.004/-.000)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
7.50 ± 0.10
(.295 ± .004)
16.00 ± 0.30
(.630 ± .012)
1.79 ± 0.20
(.070 ± .008)
4.38 ± 0.15
(.173 ± .006)
8.77 ± 0.15
(.345 ± .006)
5.28 ± 0.20
(.208 ± .008)
5.33 ± 0.10
(.210 ± .004)
2.79 ± 0.20
(.110 ± .008)
1.50 +0.10
(.059 + .004)
DIA.
60 °
60 °
85 °
10.99 ± 0.20
(.433 ± .008)
3.30 ± 0.20
(.130 ± .008)
1.50 ± 0.10
(.059 ± .004)
DIA.
8.30 ± 0.05
(.327 ± .002)
DIA.
2.00 ± 0.10
(.079 ± .004)
2.85 +0.10/-0.05
(.112 +.004/-.002)
0.40 ± 0.10
(.016 ± .004)
4.00 ± 0.10
(.157 ± .004)
12.00 ± 0.10
(.472 ± .004)
1.75 +0.10/-0.00
(.069 +.004/-.000)
2.40 +0.25/-0.00
(.095 +.010/-.000)
2.55 +0.20/-0.05
(.100 +.008/-.002)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
2.40 +0.25/-0.00
(.095 +.010/-.000)
93 °±2 °
8.50 ± 0.10
(.335 ± .004)
11.13 ± 0.10
(.438 ± .004)
16.00 ± 0.30
(.630 ± .012)
8.05 ± 0.10
(.317 ± .004)
11.03 ± 0.10
(.434 ± .004)
2.98 ± 0.10
(.117 ± .004)
10.38 ± 0.10
(.409 ± .004)
8.90 +0.20 /-0.05
(.350 +.008/-.002)
8.90 +0.20 /-0.05
(.350 +.008/-.002)
9.05 +0.20 /-0.05
(.356 +.008/-.002)
0.65 ± 0.10
(.026 ± .004)
2.00 ± 0.10
(.079 ± .004)
12.00 ± 0.10
(.472 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.75 +0.10/-0.00
(.069 +.004/-.000)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
7.50 ± 0.10
(.295 ± .004)
16.00 ± 0.30
(.630 ± .012)
1.79 ± 0.20
(.070 ± .008)
4.38 ± 0.15
(.173 ± .006)
8.77 ± 0.15
(.345 ± .006)
5.28 ± 0.20
(.208 ± .008)
5.33 ± 0.10
(.210 ± .004)
2.79 ± 0.20
(.110 ± .008)
1.50 +0.10
(.059 + .004)
DIA.
60 °
60 °
85 °
10.99 ± 0.20
(.433 ± .008)
3.30 ± 0.20
(.130 ± .008)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com