Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R025 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-R025
Description  PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R025 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-R025 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Radial Leaded Devices
Cured, flame retardant epoxy polymer
insulating material meets UL 94V-0
requirements
RoHS compliant* and halogen free**
Agency recognition:
Applications
Almost anywhere there is a low voltage power
supply and a load to be protected, including:
Computers & peripherals
General electronics
Automotive applications
MF-R Series - PTC Resettable Fuses
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Environmental Characteristics
Operating/Storage Temperature ...................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State............................................ 125 °C
Passive Aging .................................................. +85 °C, 1000 hours...........................................±5 % typical resistance change
Humidity Aging................................................. +85 °C, 85 % R.H. 1000 hours .........................±5 % typical resistance change
Thermal Shock ................................................ -40 °C to +85 °C, 10 times................................±10 % typical resistance change
Solvent Resistance.......................................... MIL-STD-202, Method 215 ...............................No change
Vibration .......................................................... MIL-STD-883C, Method 2007.1,.......................No change
Condition A
Test Procedures And Requirements For Model MF-R Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. .................................................... Verify dimensions and materials .......................Per MF physical description
Resistance....................................................... In still air @ 23 °C.............................................Rmin
≤ R ≤ Rmax
Time to Trip...................................................... 5 times Ihold, Vmax, 23 °C ...............................T
≤ max. time to trip (seconds)
Hold Current .................................................... 30 min. at Ihold .................................................No trip
Trip Cycle Life.................................................. Vmax, Imax, 100 cycles....................................No arcing or burning
Trip Endurance ................................................ Vmax, 48 hours.................................................No arcing or burning
UL File Number..............................
.................. E174545
TÜV File Number............................................. R2057213
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Initial
Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time
to Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
Min.
Max.
Max.
Typ.
MF-R005
60
40
0.05
0.10
7.3
11.1
22.0
0.5
5.0
0.22
MF-R010
60
40
0.10
0.20
2.50
4.50
7.50
0.5
4.0
0.38
MF-R017
60
40
0.17
0.34
2.00
3.20
8.00
0.85
3.0
0.48
MF-R020
60
40
0.20
0.40
1.50
2.84
4.40
1.0
2.2
0.40
MF-R025
60
40
0.25
0.50
1.00
1.95
3.00
1.25
2.5
0.45
MF-R030
60
40
0.30
0.60
0.76
1.36
2.10
1.5
3.0
0.50
MF-R040
60
40
0.40
0.80
0.52
0.86
1.29
2.0
3.8
0.55
MF-R050
60
40
0.50
1.00
0.41
0.77
1.17
2.5
4.0
0.75
MF-R065
60
40
0.65
1.30
0.27
0.48
0.72
3.25
5.3
0.90
MF-R075
60
40
0.75
1.50
0.18
0.40
0.60
3.75
6.3
0.90
MF-R090
60
40
0.90
1.80
0.14
0.31
0.47
4.5
7.2
1.00
MF-R090-0-9
30
40
0.90
1.80
0.07
0.12
0.22
4.5
5.9
0.60
MF-R110
30
40
1.10
2.20
0.10
0.18
0.27
5.5
6.6
0.70
MF-R135
30
40
1.35
2.70
0.065
0.115
0.17
6.75
7.3
0.80
MF-R160
30
40
1.60
3.20
0.055
0.105
0.15
8.0
8.0
0.90
MF-R185
30
40
1.85
3.70
0.040
0.07
0.11
9.25
8.7
1.00
MF-R250
30
40
2.50
5.00
0.025
0.048
0.07
12.5
10.3
1.20
MF-R250-0-10
30
40
2.50
5.00
0.025
0.048
0.07
12.5
10.3
1.20
MF-R300
30
40
3.00
6.00
0.020
0.05
0.08
15.0
10.8
2.00
MF-R400
30
40
4.00
8.00
0.010
0.03
0.05
20.0
12.7
2.50
MF-R500
30
40
5.00
10.00
0.010
0.03
0.05
25.0
14.5
3.00
MF-R600
30
40
6.00
12.00
0.005
0.02
0.04
30.0
16.0
3.50
MF-R700
30
40
7.00
14.00
0.005
0.02
0.03
35.0
17.5
3.80
MF-R800
30
40
8.00
16.00
0.005
0.02
0.03
40.0
18.8
4.00
MF-R900
30
40
9.00
18.00
0.005
0.01
0.02
45.0
***20.0
4.20
MF-R1100
16
100
11.00
22.00
0.003
0.01
0.014
40.0
20.0
4.50
***Tested at 40 amps


Similar Part No. - MF-R025

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R025 BOURNS-MF-R025 Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-R025 BOURNS-MF-R025 Datasheet
210Kb / 6P
Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R025 BOURNS-MF-R025 Datasheet
210Kb / 6P
Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R025 BOURNS-MF-R025 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-R025 BOURNS-MF-R025 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
More results

Similar Description - MF-R025

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-R90 BOURNS-MF-R90 Datasheet
310Kb / 4P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com