Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R025 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-R025
Description  PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R025 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-R025 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R025 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-R Series - PTC Resettable Fuses
Product Dimensions (see next page for outline drawing)
DIMENSIONS:
MM
(INCHES)
Additional Features
Bulk packaging, tape and reel and Ammo-Pak available on most models
Model
A
B
C
D
E
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Style
Lead Dia.
Material
MF-R005
8.0
8.3
5.1
0.7
7.6
3.1
4
0.405
Sn/NiCu
(0.315)
(0.327)
(0.201)
(0.028)
(0.299)
(0.122)
(0.016)
MF-R010
7.4
12.7
5.1
0.7
7.6
3.1
1
0.51
Sn/NiCu
(0.291)
(0.5)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R017
7.4
12.7
5.1
0.7
7.6
3.1
1
0.51
Sn/CuFe
(0.291)
(0.5)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R020
7.4
12.7
5.1
0.7
7.6
3.1
1
0.51
Sn/CuFe
(0.291)
(0.5)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R025
7.4
12.7
5.1
0.7
7.6
3.1
1
0.51
Sn/CuFe
(0.291)
(0.5)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R030
7.4
13.4
5.1
0.7
7.6
3.1
1
0.51
Sn/CuFe
(0.291)
(0.528)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R040
7.4
13.7
5.1
0.7
7.6
3.1
1
0.51
Sn/CuFe
(0.291)
(0.539)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R050
7.9
13.7
5.1
0.7
7.6
3.1
1
0.51
Sn/Cu
(0.311)
(0.539)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R065
9.7
15.2
5.1
0.7
7.6
3.1
1
0.51
Sn/Cu
(0.382)
(0.598)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R075
10.4
16.0
5.1
0.7
7.6
3.1
1
0.51
Sn/Cu
(0.409)
(0.630)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R090
11.7
16.7
5.1
0.7
7.6
3.1
1
0.51
Sn/Cu
(0.461)
(0.657)
(0.201)
(0.028)
(0.299)
(0.122)
(0.020)
MF-R090-0-9
7.4
12.2
5.1
0.7
7.6
3.0
3
0.51
Sn/CuFe
(0.291)
(0.480)
(0.201)
(0.028)
(0.299)
(0.118)
(0.020)
MF-R110
8.9
14.0
5.1
0.7
7.6
3.0
1
0.51
Sn/Cu
(0.350)
(0.551)
(0.201)
(0.028)
(0.299)
(0.118)
(0.020)
MF-R135
8.9
18.9
5.1
0.7
7.6
3.0
1
0.51
Sn/Cu
(0.350)
(0.744)
(0.201)
(0.028)
(0.299)
(0.118)
(0.020)
MF-R160
10.2
16.8
5.1
0.7
7.6
3.0
1
0.51
Sn/Cu
(0.402)
(0.661)
(0.201)
(0.028)
(0.299)
(0.118)
(0.020)
MF-R185
12.0
18.4
5.1
0.7
7.6
3.0
1
0.51
Sn/Cu
(0.472)
(0.724)
(0.201)
(0.028)
(0.299)
(0.118)
(0.020)
MF-R250
12.0
18.3
5.1
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.472)
(0.720)
(0.201)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R250-0-10
12.0
18.3
5.1
0.7
7.6
3.0
3
0.51
Sn/CuFe
(0.472)
(0.720)
(0.201)
(0.028)
(0.299)
(0.118)
(0.020)
MF-R300
12.0
18.3
5.1
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.472)
(0.720)
(0.201)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R400
14.4
24.8
5.1
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.567)
(0.976)
(0.201)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R500
17.4
24.9
10.2
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.685)
(0.980)
(0.402)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R600
19.3
31.9
10.2
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.760)
(1.256)
(0.402)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R700
22.1
29.8
10.2
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.870)
(1.173)
(0.402)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R800
24.2
32.9
10.2
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.953)
(1.295)
(0.402)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R900
24.2
32.9
10.2
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.953)
(1.295)
(0.402)
(0.028)
(0.299)
(0.118)
(0.032)
MF-R1100
24.2
32.9
10.2
0.7
7.6
3.0
2
0.81
Sn/Cu
(0.953)
(1.295)
(0.402)
(0.028)
(0.299)
(0.118)
(0.032)
Packaging options:
BULK:
All models = 500 pcs. per bag
TAPE & REEL: MF-R005-MF-R160
12.7 mm device pitch = 3000 pcs. per reel
MF-R185-MF-R400
25.4 mm device pitch = 1500 pcs. per reel
MF-R500~MF-R1100 25.4 mm device pitch = 1000 pcs. per reel
AMMO-PACK:
MF-R005-MF-R160
12.7 mm device pitch = 2000 pcs. per pack
MF-R185-MF-R400
25.4 mm device pitch = 1000 pcs. per pack
MF-R500~MF-R1100 25.4 mm device pitch = 500 pcs. per pack
0.405 (26AWG)
0.51 (24AWG)
0.81 (20AWG)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com