Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G66DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DBVT
Description  SINGLE BILATERAL ANALOG SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G66DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323H − JUNE 2001 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D 1.65-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 0.8 ns at 3.3 V
D High On-Off Output Voltage Ratio
D High Degree of Linearity
D High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
D Low On-State Resistance, Typically ≈5.5 Ω
(VCC = 4.5 V)
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This single analog switch is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G66 can handle both analog and digital signals. The device permits signals with amplitudes of
up to 5.5 V (peak) to be transmitted in either direction.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.17-mm Small Bump − YEA
SN74LVC1G66YEAR
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.17-mm Small Bump − YZA (Pb-free)
Reel of 3000
SN74LVC1G66YZAR
_ _ _C6_
−40
°C to 85°C
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC1G66YEPR
_ _ _C6_
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
SN74LVC1G66YZPR
SOT (SOT-23) − DBV
Reel of 3000
SN74LVC1G66DBVR
C66_
−40
°C to 85°C
SOT (SOT-23) − DBV
Reel of 250
SN74LVC1G66DBVT
C66_
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
SN74LVC1G66DCKR
C6_
SOT (SC-70) − DCK
Reel of 250
SN74LVC1G66DCKT
C6_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
A
B
GND
VCC
C
3
2
1
4
5
GND
B
A
C
VCC
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar and NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC1G66DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DBVT TI-SN74LVC1G66DBVT Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVT TI1-SN74LVC1G66DBVT Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66DBVTE4 TI-SN74LVC1G66DBVTE4 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVTG4 TI-SN74LVC1G66DBVTG4 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVTG4 TI1-SN74LVC1G66DBVTG4 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
More results

Similar Description - SN74LVC1G66DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
SN74LVC1G66 Single Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com