Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G66DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DBVT
Description  SINGLE BILATERAL ANALOG SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G66DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323H − JUNE 2001 − REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage
0
VCC
V
VCC = 1.65 V to 1.95 V
VCC × 0.65
VIH
High-level input voltage, control input
VCC = 2.3 V to 2.7 V
VCC × 0.7
V
VIH
High-level input voltage, control input
VCC = 3 V to 3.6 V
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 1.65 V to 1.95 V
VCC × 0.35
VIL
Low-level input voltage, control input
VCC = 2.3 V to 2.7 V
VCC × 0.3
V
VIL
Low-level input voltage, control input
VCC = 3 V to 3.6 V
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VCC = 1.65 V to 1.95 V
20
∆t/∆v
Input transition rise/fall time
VCC = 2.3 V to 2.7 V
20
ns/V
∆t/∆v
Input transition rise/fall time
VCC = 3 V to 3.6 V
10
ns/V
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
−40
85
°C
NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
V = V
or GND,
IS = 4 mA
1.65 V
12
30
ron
On-state switch resistance
VI = VCC or GND,
VC = VIH
IS = 8 mA
2.3 V
9
20
Ω
ron
On-state switch resistance
ICC
VC = VIH
(see Figures 1 and 2)
IS = 24 mA
3 V
7.5
15
Ω
(see Figures 1 and 2)
IS = 32 mA
4.5 V
5.5
10
V = V
to GND,
IS = 4 mA
1.65 V
74.5
100
ron(p)
Peak on resistance
VI = VCC to GND,
VC = VIH
IS = 8 mA
2.3 V
20
30
Ω
ron(p)
Peak on resistance
ICC
VC = VIH
(see Figures 1 and 2)
IS = 24 mA
3 V
11.5
20
Ω
(see Figures 1 and 2)
IS = 32 mA
4.5 V
7.5
15
IS(off)
Off-state switch leakage current
VI = VCC and VO = GND or
VI = GND and VO = VCC,
5.5 V
±1
A
IS(off)
Off-state switch leakage current
ICC
O
VI = GND and VO = VCC,
VC = VIL (see Figure 3)
5.5 V
±0.1†
µA
IS(on)
On-state switch leakage current
VI = VCC or GND, VC = VIH, VO = Open
5.5 V
±1
A
IS(on)
On-state switch leakage current
VI = VCC or GND, VC = VIH, VO = Open
(see Figure 4)
5.5 V
±0.1†
µA
II
Control input current
VC = VCC or GND
5.5 V
±1
A
II
Control input current
VC = VCC or GND
5.5 V
±0.1†
µA
ICC
Supply current
VC = VCC or GND
5.5 V
10
A
ICC
Supply current
VC = VCC or GND
5.5 V
1†
µA
∆ICC
Supply current change
VC = VCC − 0.6 V
5.5 V
500
µA
Cic
Control input capacitance
5 V
2
pF
Cio(off)
Switch input/output capacitance
5 V
6
pF
Cio(on)
Switch input/output capacitance
5 V
13
pF
† TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com