Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674T100 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV0674T100
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674T100 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV0674T100 Datasheet HTML 18Page - STMicroelectronics STV0674T100 Datasheet HTML 19Page - STMicroelectronics STV0674T100 Datasheet HTML 20Page - STMicroelectronics STV0674T100 Datasheet HTML 21Page - STMicroelectronics STV0674T100 Datasheet HTML 22Page - STMicroelectronics STV0674T100 Datasheet HTML 23Page - STMicroelectronics STV0674T100 Datasheet HTML 24Page - STMicroelectronics STV0674T100 Datasheet HTML 25Page - STMicroelectronics STV0674T100 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Detailed Specifications
STV0674
22/35
4.7
SFP AC parameters
Each SFP is a TTL schmitt trigger bidirectional pad Buffer, 3v3 capable with 2mA drive capability
and Slew-rate Control. The 3.3V IOs comply to the EIA/JEDEC standard JESD8-B. For sake of
convenience the most important parameters for measurement have been extracted and presented
below.
4.8
Sensor interface
Note: 1 The above timings assume that the sensor_clk load is 20pF.
2 The sensor data setup and hold times are requirements of the STV0674.
3 tAC represents the maximum allowed clock to data delay from STV0674 sensor_clk pad to the
STV0674 sensor data pads. (i.e. STV0674 pad to sensor PCB delay + sensor clock to data delay +
sensor data pad to STV0674 pad PCB delay).
Table 7: SFP AC parameters
Symbol
Description
Min.
Typ.
Max.
Unit
Slew_rise
0.3Vcc to 0.6Vcc, CL = 10pF,
balanced RL = 1KR to Vdd
with RL = 1KR to Vss
1.63
1.83
1.97
V/ns
Slew_fall
0.3Vcc to 0.6Vcc, CL = 10pF,
balanced RL = 1KR to Vdd
with RL = 1KR to Vss
2.05
2.32
2.62
V/ns
Figure 12: Sensor interface timing
Table 8: Sensor interface timing
Symbol
Min.
Typ.
Max.
Unit
tCK
0.1875
24
MHz
tCH
40.02
tCK
tCL
40.02
tCK
tDS
7.71
ns
tDH
0ns
tAC
32.39
ns
sensor_clk
sensor_db[4:0]
tCK
tCL
tCH
tDS
tDH
tAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com