Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674T100 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV0674T100
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674T100 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV0674T100 Datasheet HTML 27Page - STMicroelectronics STV0674T100 Datasheet HTML 28Page - STMicroelectronics STV0674T100 Datasheet HTML 29Page - STMicroelectronics STV0674T100 Datasheet HTML 30Page - STMicroelectronics STV0674T100 Datasheet HTML 31Page - STMicroelectronics STV0674T100 Datasheet HTML 32Page - STMicroelectronics STV0674T100 Datasheet HTML 33Page - STMicroelectronics STV0674T100 Datasheet HTML 34Page - STMicroelectronics STV0674T100 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Pinout and Pin Description
STV0674
32/35
5.4
External circuits
5.4.1
Crystal oscillator
There are 2 crystal oscillator pins XTAL_IN, XTAL_OUT, as shown in
Figure 16. The oscillator cell
architecture is a single stage oscillator with an inverter working as an amplifier. The oscillator stage
is biased by an internal resistor (>1M
Ω). It also requires an external PI network consisting of a
crystal and two capacitors.
Note:
The clock accuracy of the oscillator circuit must be within the USB compliance data signaling rate
tolerance of 12.000Mb/s ± 0.25%.
5.4.2
Audio
If the record audio section of the STV0674 is not required, AP, CBS, VC and AN can be left
unconnected. VDDA must however be connected to a 3V3 supply.
5.4.3
Recommended power supply decoupling
A 0.1µF bypass capacitor located as close as possible to the chip package connecting between all
VDD pins and GND and at least one bulk decoupling capacitor on each of the supply rails VDDA,
VDDC, VDDI and VDDP.
Figure 16: Oscillator support circuit
Figure 17: Audio PLL filter and CBS
15pF
XTALO
15pF
XTALI
Crystal
680 pF
VC
10nF
10K
10µF
CBS
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com