Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LS4448
Description  Small Signal SMD Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LS4448 Datasheet(HTML) 1 Page - Diotec Semiconductor

  LS4448 Datasheet HTML 1Page - Diotec Semiconductor LS4448 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LS4148, LS4448
LS4148, LS4448
Small Signal SMD Switching Diodes
Ultraschnelle SMD-Kleinsignaldioden
IFAV = 150...300 mA
VF
< 1.0 V
Tjmax = 200°C
VRRM = 50...100 V
IFSM = 2000...4000 mA
trr
< 4 ns
Version 2015-10-27
~ SOD-80C
Glass Quadro-MiniMELF
Dimensions - Maße [mm]
Typical Applications
Signal processing,
High-speed switching
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schnelles Schalten
Standardausführung 1)
Features
Quadro glass body
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Quadro-Gehäusekörper
Extrem schnelles Schalten
Niedrige Sperrschichtkapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1
)
Taped and reeled
2500 / 7“
Gegurtet auf Rolle
Weight approx.
0.04 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
LS4148, LS4448
Power dissipation − Verlustleistung
Ptot
500 mW 2)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
150 mA 3)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
300 mA 3)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
500 mA 3)
2 A
Reverse voltage – Sperrspannung
VR
75 V
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
100 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+175°C
-55…+175°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
LS4148
IF = 50 mA
VF
< 1.0 V
LS4448
IF = 5 mA
IF = 100 mA
VF
VF
0.62...0.72 V
< 1 V
Leakage current – Sperrstrom 3)
VR = 20 V
VR = 75 V
IR
IR
< 25 nA
< 5 µA
Leakage current – Sperrstrom, Tj = 125°C 4)
VR = 20 V
VR = 75 V
IR
IR
< 30 µA
< 50 µA
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
3
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS


Similar Part No. - LS4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
195Kb / 5P
Small Signal Fast Switching Diodes
04-May-07
logo
SEMTECH ELECTRONICS LTD...
LS4448 SEMTECH_ELEC-LS4448 Datasheet
211Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - LS4448

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
logo
Diotec Semiconductor
1N4148WS DIOTEC-1N4148WS_16 Datasheet
134Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_15 Datasheet
135Kb / 2P
Small Signal SMD Switching Diodes
1N4148W DIOTEC-1N4148W_17 Datasheet
132Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_17 Datasheet
144Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_17 Datasheet
129Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_17 Datasheet
128Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_18 Datasheet
145Kb / 2P
SMD Small Signal Switching Diodes
1N4148WT DIOTEC-1N4148WT Datasheet
141Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_18 Datasheet
142Kb / 2P
SMD Small Signal Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com