Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7692BA Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7692BA
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692BA Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7692BA Datasheet HTML 7Page - IXYS Corporation CPC7692BA Datasheet HTML 8Page - IXYS Corporation CPC7692BA Datasheet HTML 9Page - IXYS Corporation CPC7692BA Datasheet HTML 10Page - IXYS Corporation CPC7692BA Datasheet HTML 11Page - IXYS Corporation CPC7692BA Datasheet HTML 12Page - IXYS Corporation CPC7692BA Datasheet HTML 13Page - IXYS Corporation CPC7692BA Datasheet HTML 14Page - IXYS Corporation CPC7692BA Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
R01
www.ixysic.com
11
2. Functional Description
2.1 Introduction
2.1.1 CPC7692BA and CPC7692BB Logic States
• Talk. Break switches SW1 and SW2 closed, ringing
switches SW3 and SW4 open, and test switches
SW5 and SW6 open.
• Ringing. Break switches SW1 and SW2 open,
ringing switches SW3 and SW4 closed, and test
switches SW5 and SW6 open.
• Test. Break switches SW1 and SW2 open, ringing
switches SW3 and SW4 open, and loop test
switches SW5 and SW6 closed.
• All-off. Break switches SW1 and SW2 open, ringing
switches SW3 and SW4 open, and test switches
SW5 and SW6 open.
2.1.2 CPC7692BC Logic States
• Talk. Break switches SW1 and SW2 closed, ringing
switches SW3 and SW4 open, and test switches
SW5 and SW6 open.
• Ringing. Break switches SW1 and SW2 open,
ringing switches SW3 and SW4 closed, and test
switches SW5 and SW6 open.
• Test/Monitor. Break switches SW1 and SW2
closed, ringing switches SW3 and SW4 open, and
test switches SW5 and SW6 closed.
• Ringing Test. Break switches SW1 and SW2 open,
ringing switches SW3 and SW4 closed, and test
switches SW5 and SW6 closed.
• All-off. Break switches SW1 and SW2 open, ringing
switches SW3 and SW4 open, and test switches
SW5 and SW6 open.
The CPC7692 offers break-before-make and
make-before-break switching from the ringing state to
the talk state with simple TTL level logic input control.
Solid-state switch construction means no impulse
noise is generated when switching during ring
cadence or ring trip, eliminating the need for external
zero-cross switching circuitry. State control is via TTL
logic-level input so no additional driver circuitry is
required. The linear break switches SW1 and SW2
have exceptionally low RON and excellent matching
characteristics. The ringing switch, SW4, has a
minimum open contact breakdown voltage of 465V at
+25
C sufficiently high with proper protection to
prevent breakdown in the presence of a transient fault
condition (i.e., passing the transient on to the ringing
generator).
Integrated into the CPC7692 is an over-voltage
clamping circuit, active current limiting, and a thermal
shutdown mechanism to provide protection for the
SLIC during a fault condition. Positive and negative
lightning surge currents are reduced by the current
limiting circuitry and hazardous potentials are diverted
away from the SLIC via the protection diode bridge or
the optional integrated protection SCR. Power-cross
potentials are also reduced by the current limiting and
thermal shutdown circuits.
To protect the CPC7692 from an over-voltage fault
condition, use of a secondary protector is required.
The secondary protector must limit the voltage seen at
the TLINE and RLINE terminals to a level below the
maximum breakdown voltage of the switches. To
minimize the stress on the solid-state contacts, use of
a foldback or crowbar type secondary protector is
highly recommended. With proper selection of the
secondary protector, a line card using the CPC7692
will meet all relevant ITU, LSSGR, TIA/EIA and IEC
protection requirements.
The CPC7692 operates from a single +5V supply. This
gives the device extremely low power consumption in
any state with virtually any range of battery voltage.
The battery voltage used by the CPC7692 has a two
fold function. During surge conditions the internal
integrated protection circuitry uses the battery voltage
as a reference and as a current source. Second, the
battery voltage is used as a reference. In the event of
battery voltage loss, the CPC7692 will enter the all-off
state.
2.2 Under Voltage Switch Lock Out Circuitry
2.2.1 Introduction
Smart logic in the CPC7692 now provides for switch
state control during both power up and power loss
transitions. An internal detector is used to evaluate the
VDD supply to determine when to de-assert the under
voltage switch lock out circuitry with a rising VDD and
when to assert the under voltage switch lock out
circuitry with a falling VDD. Any time unsatisfactory low
VDD conditions exist the lock out circuit overrides user
switch control by blocking the information at the
external input pins and conditioning internal switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com