Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7692BA Datasheet(PDF) 14 Page - IXYS Corporation

Part # CPC7692BA
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692BA Datasheet(HTML) 14 Page - IXYS Corporation

Back Button CPC7692BA Datasheet HTML 10Page - IXYS Corporation CPC7692BA Datasheet HTML 11Page - IXYS Corporation CPC7692BA Datasheet HTML 12Page - IXYS Corporation CPC7692BA Datasheet HTML 13Page - IXYS Corporation CPC7692BA Datasheet HTML 14Page - IXYS Corporation CPC7692BA Datasheet HTML 15Page - IXYS Corporation CPC7692BA Datasheet HTML 16Page - IXYS Corporation CPC7692BA Datasheet HTML 17Page - IXYS Corporation CPC7692BA Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
14
www.ixysic.com
R01
2.3.5 Break-Before-Make Operation - All Versions
The second break-before-make method for the
CPC7692BA/B is also the only method available for
the CPC7692BC. As shown in “CPC7692BA and
CPC7692BB Truth Table” on page 10 and
“CPC7692BC Truth Table” on page 10, the
bidirectional TSD interface disables all of the CPC7692
switches when pulled to a logic low. Although logically
disabled, an active (closed) ringing switch (SW4) will
remain closed until the next zero crossing current
event.
As shown in the table “Ringing to Talk Transition
Logic Sequence for all Versions:
Break-Before-Make” on page 14, this operation is
similar to the one shown in “Ringing to Talk
Transition Logic Sequence CPC7692BA/B:
Break-Before-Make” on page 13, except in the
method used to select the all off state, and in when the
INRINGING and INTEST inputs are configured for the
talk state.
1.
Pull TSD to a logic low to end the ringing state.
This opens the ringing return switch (SW3) and
prevents any other switches from closing.
2.
Keep TSD low for at least one-half the duration of
the ringing cycle period to allow sufficient time for
a zero crossing current event to occur and for the
circuit to enter the break-before-make state.
3.
During the TSD low period, set the INRINGING and
INTEST inputs to the talk state (0, 0).
4.
Release TSD, allowing the internal pull-up to
activate the break switches.
When using TSD as an input, the two recommended
states are “0” which overrides the logic input pins and
forces an all off state and “Z” which allows normal
switch control via the logic input pins. This requires the
use of an open-collector or open-drain type buffer.
Ringing to Talk Transition Logic Sequence for all Versions: Break-Before-Make
2.4 Data Latch
The CPC7692 has an integrated transparent data
latch. The latch enable operation is controlled by TTL
logic input levels at the LATCH pin. Data input to the
latch is via the input pins INRINGING and INTEST while
the output of the data latch are internal nodes used for
state control. When the LATCH enable control pin is at
a logic 0 the data latch is transparent and the input
control signals flow directly through the data latch to
the state control circuitry. A change in input will be
reflected by a change in the switch state.
Whenever the LATCH enable control pin is at logic 1,
the data latch is active and data is locked. Subsequent
changes to the input controls INRINGING and INTEST
will not result in a change to the control logic or affect
the existing switch state.
The switches will remain in the state they were in
when the LATCH changes from logic 0 to logic 1 and
will not respond to changes in input as long as the
LATCH is at logic 1. However, neither the TSD input
nor the TSD output control functions are affected by
the latch function. Since internal thermal shutdown
control and external “All-off” control is not affected by
the state of the LATCH enable input, TSD will override
state control.
State
INRINGING
INTEST
LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
Z
-
Off
On
On
Off
All-Off
1
0
X0
Hold this state for at least one-half of the
ringing cycle. SW4 waiting for zero current to
turn off.
Off
Off
On
Off
Break-
Before-
Make
0
0
SW4 has opened
Off
Off
Off
Off
Talk
0
0
0
Z
Close Break Switches
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com