Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_604 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXD_604
Description  4A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_604 Datasheet(HTML) 1 Page - IXYS Corporation

  IXD_604 Datasheet HTML 1Page - IXYS Corporation IXD_604 Datasheet HTML 2Page - IXYS Corporation IXD_604 Datasheet HTML 3Page - IXYS Corporation IXD_604 Datasheet HTML 4Page - IXYS Corporation IXD_604 Datasheet HTML 5Page - IXYS Corporation IXD_604 Datasheet HTML 6Page - IXYS Corporation IXD_604 Datasheet HTML 7Page - IXYS Corporation IXD_604 Datasheet HTML 8Page - IXYS Corporation IXD_604 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IXD_604-R07
www.ixysic.com
1
Features
4A Peak Source/Sink Drive Current
Wide Operating Voltage Range: 4.5V to 35V
-40°C to +125°C Extended Operating Temperature
Range
Logic Input Withstands Negative Swing of up to 5V
Outputs May be Connected in Parallel for Higher
Drive Current
Matched Rise and Fall Times
Low Propagation Delay Time
Low, 10
A Supply Current
Low Output Impedance
Applications
Efficient Power MOSFET and IGBT Switching
Switch Mode Power Supplies
Motor Controls
DC to DC Converters
Class-D Switching Amplifiers
Pulse Transformer Driver
Description
The IXDD604/IXDF604/IXDI604/IXDN604 dual
high-speed gate drivers are especially well suited for
driving the latest IXYS MOSFETs and IGBTs. Each of
the two outputs can source and sink 4A of peak
current while producing voltage rise and fall times of
less than 10ns. The input of each driver is virtually
immune to latch up, and proprietary circuitry
eliminates cross conduction and current
“shoot-through.” Low propagation delay and fast,
matched rise and fall times make the IXD_604 family
ideal for high-frequency and high-power applications.
The IXDD604 is a dual non-inverting driver with an
enable. The IXDN604 is a dual non-inverting driver,
the IXDI604 is a dual inverting driver, and the IXDF604
has one inverting driver and one non-inverting driver.
The IXD_604 family is available in a standard 8-pin
DIP (PI), 8-pin SOIC (SIA), 8-pin Power SOIC with an
exposed metal back (SI), and an 8-pin DFN (D2)
package.
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD604D2TR
8-Pin DFN
Tape & Reel
2000
IXDD604PI
8-Pin DIP
Tube
50
IXDD604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD604SIA
8-Pin SOIC
Tube
100
IXDD604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDF604PI
8-Pin DIP
Tube
50
IXDF604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDF604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDF604SIA
8-Pin SOIC
Tube
100
IXDF604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDI604PI
8-Pin DIP
Tube
50
IXDI604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI604SIA
8-Pin SOIC
Tube
100
IXDI604SIATR
8-Pin SOIC
Tape & Reel
2000
IXDN604PI
8-Pin DIP
Tube
50
IXDN604SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN604SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN604SIA
8-Pin SOIC
Tube
100
IXDN604SIATR
8-Pin SOIC
Tape & Reel
2000
ENA
INA
ENB
INB
OUTA
OUTB
A
B
INA
INB
A
B
OUTA
OUTB
INA
INB
A
B
OUTA
OUTB
INA
INB
OUTA
OUTB
A
B
IXD_604
4-Ampere Dual Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXD_604

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDD604D2TR CLARE-IXDD604D2TR Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDD604PI CLARE-IXDD604PI Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDD604SI CLARE-IXDD604SI Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD604SI IXYS-IXDD604SI Datasheet
273Kb / 12P
AEC Q100 Qualified
logo
Clare, Inc.
IXDD604SIA CLARE-IXDD604SIA Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXD_604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
Up to 8 Amp Peak Source and Sink Current
logo
IXYS Corporation
IXD_614 IXYS-IXD_614 Datasheet
310Kb / 14P
14A Peak Source/Sink Drive Current
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
30A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
2A Peak Source/Sink Drive Current
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
9A Peak Source/Sink Drive Current
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
2A Peak Sink/Source DDR Termination Regulator
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com