Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7692BB Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC7692BB
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692BB Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC7692BB Datasheet HTML 3Page - IXYS Corporation CPC7692BB Datasheet HTML 4Page - IXYS Corporation CPC7692BB Datasheet HTML 5Page - IXYS Corporation CPC7692BB Datasheet HTML 6Page - IXYS Corporation CPC7692BB Datasheet HTML 7Page - IXYS Corporation CPC7692BB Datasheet HTML 8Page - IXYS Corporation CPC7692BB Datasheet HTML 9Page - IXYS Corporation CPC7692BB Datasheet HTML 10Page - IXYS Corporation CPC7692BB Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
R01
www.ixysic.com
7
1.6.4 Test Switches, SW5 and SW6
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW1 (differential) = TLINE to TBAT
VSW2 (differential) = RLINE to RBAT
All-Off state.
+25
 C,
VSW (differential) = -320V to gnd
VSW (differential) = +260V to -60V
ISW
-
0.1
1
A
+85
 C,
VSW (differential) = -330V to gnd
VSW (differential) = +270V to -60V
0.3
-40
 C,
VSW (differential) = -310V to gnd
VSW (differential) = +250V to -60V
0.1
On Resistance
ISW(on) = ±10 mA, ±40 mA,
RBAT and TBAT = -2V
+25
 C
RON
-
38
-
+85
 C46
70
-40
 C28
-
Low Frequency Current
Limit
VSW (on) = ±10V, +25 C
ISW
-
175
-
mA
VSW (on) = ±10V, +85 C
80
110
VSW (on) = ±10V, -40 C
-
210
250
High Frequency
Dynamic Current Limit
(t
 0.5 s)
Break switches on, all other switches
off. Apply ±1kV 10x1000
s pulse with
appropriate protection in place.
ISW
-2.5
-
A
Switch Outputs to Logic
Input Isolation
+25
 C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±320V
ISW
-0.1
1
A
+85
 C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±330V
-0.3
-40
 C, Logic inputs = gnd,
VSW (TLINE, RLINE) = ±310V
-0.1
Transient Immunity
100VPP Square Wave, 100Hz
(Not production tested - limits are
guaranteed by design and quality
control sampling audits.)
dV/dt
1500
2100
-
V/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com