Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7692BB Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC7692BB
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692BB Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC7692BB Datasheet HTML 4Page - IXYS Corporation CPC7692BB Datasheet HTML 5Page - IXYS Corporation CPC7692BB Datasheet HTML 6Page - IXYS Corporation CPC7692BB Datasheet HTML 7Page - IXYS Corporation CPC7692BB Datasheet HTML 8Page - IXYS Corporation CPC7692BB Datasheet HTML 9Page - IXYS Corporation CPC7692BB Datasheet HTML 10Page - IXYS Corporation CPC7692BB Datasheet HTML 11Page - IXYS Corporation CPC7692BB Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
8
www.ixysic.com
R01
1.7 Digital I/O Electrical Specifications
1.8 Voltage and Power Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input Voltage Thresholds
Logic Low
Input voltage falling
VIL
0.8
1.1
-
V
Logic High
Input voltage rising
VIH
1.7
2.0
Input Leakage Current
Logic High
VDD = 5.5V, VBAT = -75V, VIH =2.4V
IIH
A
INRINGING and INTEST
-0.1
1
LATCH
10
28
-
TSD
10
16
30
Logic Low
VDD = 5.5V, VBAT = -75V, VIL = 0.4V
IIL
A
INRINGING and INTEST
-0.1
1
LATCH
-
46
125
TSD
10
16
30
TSD Output Voltage Levels
Logic High
VDD = 5.5V, VBAT = -75V, ITSD = 10AVTSD_off
2.4
VDD
-V
Logic Low
VDD = 5.5V, VBAT = -75V, ITSD = 1mA
VTSD_on
-0
0.4
V
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
VDD
-
VDD
4.5
5.0
5.5
V
VBAT
1
-
VBAT
-19
-48
-72
V
1VBAT is used only for internal protection circuitry. If VBAT rises above -10V, the device will enter the all-off state and will remain in the all-off state until the battery
drops below approximately -15V
Power Specifications
Power Consumption
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL = 0.4V, Measure IDD and IBAT
PmW
Talk and All-Off States
-
5.5
10
All Other States
6.5
10
VDD Current
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL =0.4V
IDD
mA
Talk and All-Off States
-
1.1
2.0
Ringing State
1.3
2.0
VBAT Current -
Any State
VDD = 5V, VBAT = -48V, VIH = 2.4V,
VIL =0.4V
IBAT
-0.1
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com