Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8922
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8922 Datasheet HTML 9Page - NXP Semiconductors TDA8922 Datasheet HTML 10Page - NXP Semiconductors TDA8922 Datasheet HTML 11Page - NXP Semiconductors TDA8922 Datasheet HTML 12Page - NXP Semiconductors TDA8922 Datasheet HTML 13Page - NXP Semiconductors TDA8922 Datasheet HTML 14Page - NXP Semiconductors TDA8922 Datasheet HTML 15Page - NXP Semiconductors TDA8922 Datasheet HTML 16Page - NXP Semiconductors TDA8922 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2003 Mar 20
13
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
handbook, full pagewidth
STBY
MUTE
ON
5.5
MBL467
VMODE (V)
4.2
3.0
2.2
0.8
0
Fig.7 Behaviour of mode selection pin MODE.
13 SWITCHING CHARACTERISTICS
VDD = ±25 V; Tamb =25 °C; measured in Fig.10; unless otherwise specified.
Note
1. Frequency set with ROSC according to the formula in Section 8.2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Internal oscillator
fosc
typical internal oscillator
frequency
ROSC = 30.0 kΩ
290
317
344
kHz
fosc(int)
internal oscillator
frequency range
note 1
210
−
600
kHz
External oscillator or frequency tracking
VOSC
voltage on pin OSC
SGND + 4.5
SGND + 5
SGND + 6
V
VOSC(trip)
trip level for tracking on
pin OSC
−
SGND + 2.5
−
V
ftrack
frequency range for
tracking
210
−
600
kHz
VP(OSC)(ext)
minimum symmetrical
supply voltage for external
oscillator application
15
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com