Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8922
Description  2 x 25 W class-D power amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8922 Datasheet HTML 22Page - NXP Semiconductors TDA8922 Datasheet HTML 23Page - NXP Semiconductors TDA8922 Datasheet HTML 24Page - NXP Semiconductors TDA8922 Datasheet HTML 25Page - NXP Semiconductors TDA8922 Datasheet HTML 26Page - NXP Semiconductors TDA8922 Datasheet HTML 27Page - NXP Semiconductors TDA8922 Datasheet HTML 28Page - NXP Semiconductors TDA8922 Datasheet HTML 29Page - NXP Semiconductors TDA8922 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
2003 Mar 20
26
Philips Semiconductors
Objective specification
2
× 25 W class-D power amplifier
TDA8922
handbook, halfpage
Iq
(mA)
0
5
10
25
15
30
35
VDD (V)
20
0
100
60
80
20
40
MGX338
Fig.26 Quiescent current as a function of supply
voltage.
RL = ∞.
handbook, halfpage
fclk
(kHz)
0
5
10
25
15
30
35
VDD (V)
20
290
320
300
310
MGX339
Fig.27 Clock frequency as a function of supply
voltage.
RL = ∞.
handbook, halfpage
MGX346
SVRR
(dB)
−80
−100
−60
−20
−40
0
fi (Hz)
10
102
103
104
105
(2)
(1)
(3)
Fig.28 SVRR as a function of input frequency.
VP = ±20 V; Vripple = 2 V (p-p) with respect to ground.
(1) Both supply lines in phase.
(2) Both supply lines in anti-phase.
(3) One supply line rippled.
handbook, halfpage
SVRR)
(dB)
03
14
5
Vripple(p-p) (V)
2
−100
0
−40
−20
−80
−60
MGX347
(1)
(2)
(3)
Fig.29 SVRR as a function of Vripple(p-p).
VP = ±20 V; Vripple with respect to ground (in phase).
(1) fripple = 1 kHz.
(2) fripple = 100 Hz.
(3) fripple =10Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com