Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

296XC503C2N Datasheet(PDF) 1 Page - CTS Corporation

Part # 296XC503C2N
Description  Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

296XC503C2N Datasheet(HTML) 1 Page - CTS Corporation

  296XC503C2N Datasheet HTML 1Page - CTS Corporation 296XC503C2N Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial
12mm Diameter
Carbon Composition
Rotary Potentiometer
• Miniature 12mm size
• Low cost
• Snap-in bracket for PC board mounting
• Insulated shaft available
• Detent available
Series 296
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 1 Megohms
Resistance Tolerance
Power Rating
0.15 watts @ 50°C
Maximum Operating Voltage
350 VDC
Rotational Angle
Mechanical angle: 300°
Effective angle: 280°
Rotational Torque
20 – 216 gf-cm
Stop Strength
5.76 kg-cm minimum (VR without detent)
3 kg-cm minimum (VR with detent)
Mounting Information
P.C. board mounting
Type "X": Shaft parallel to P.C. board
Type "U": Shaft vertical to P.C. board
Type "H": Same as "X" except hook terminals
Detent
Detent @ 50% rotation
Features
Insulation Resistance
100 Megohms minimum @ 250 VDC
• RoHS compliant
1 - 2
© 2009 CTS Corporation. All rights reserved. Information subject to change.
CTS Electrocomponents
www.ctscorp.com
2/06/09
®
Electrocomponents
Data Sheet
Data Sheet
Rotary Potentiometer
Dielectric Strength
500 VDC for 1 minute
Push-Pull strength on shaft
8 kg for 10 seconds
Rotational life
10K cycles
Operating temperature
-10°C ~ 80°C
Solder Heat Resistance
260°C for 5 seconds
±30%, ±20%, ±10%


Similar Part No. - 296XC503C2N

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296XC501A1B CTS-296XC501A1B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296XC501A1C CTS-296XC501A1C Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296XC501A2B CTS-296XC501A2B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296XC501A2C CTS-296XC501A2C Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
296XC501A3B CTS-296XC501A3B Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
More results

Similar Description - 296XC503C2N

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com