Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS50-15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # LPS50-15
Description  50W Single Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPS50-15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  LPS50-15 Datasheet HTML 1Page - Astrodyne Corporation LPS50-15 Datasheet HTML 2Page - Astrodyne Corporation LPS50-15 Datasheet HTML 3Page - Astrodyne Corporation LPS50-15 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
50W Single Output Switching Power Supply
LPS50 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
Small and compact size
Built-in remote ON-OFF control
Low profil: 23mm thickness
Model Number Output Volts Output Amps
Ripple & Noise Min Load DC Volt Adjust Peak Load Volt Tolerance
SINGLE OUTPUT
LPS50-3.3
3.3 Volts(DC)
10 Amps
50mV pk-pk
0~12Amps
3~3.6Volt(DC)
39.6W
±3.0%
LPS50-5
5 Volts(DC)
10 Amps
50mV pk-pk
0~12Amps
4.5~5.5Volt(DC)
60W
±3.0%
LPS50-12
12 Volts(DC)
4.2 Amps
80mV pk-pk
0~5.0Amps
10.8~13.2Volt(DC)
60W
±2.0%
LPS50-15
15 Volts(DC)
3.4 Amps
80mV pk-pk
0~4.1Amps
13.5~16.5Volt(DC)
61.5W
±2.0%
LPS50-24
24 Volts(DC)
2.1 Amps
80mV pk-pk
0~2.5Amps
21.6~27.2Volt(DC)
60W
±1.0%
LPS50-48
48 Volts(DC)
1.1 Amps
100mV pk-pk
0~1.3Amps
43.2~52.8Volt(DC)
62.4W
±1.0%


Similar Part No. - LPS50-15

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
Medical Safety Approvals
More results

Similar Description - LPS50-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-50 ASTRODYNE-RS-50 Datasheet
303Kb / 2P
50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50 Datasheet
218Kb / 2P
50W Single Output Switching Power Supply
S-50 MEANWELL-S-50 Datasheet
416Kb / 2P
50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-3.3 XPPOWER-LPS-50-3.3 Datasheet
675Kb / 4P
50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50_10 Datasheet
221Kb / 2P
50W Single Output Switching Power Supply
RS-50 MEANWELL-RS-50_11 Datasheet
234Kb / 2P
50W Single Output Switching Power Supply
RS-50_1108 MEANWELL-RS-50_1108 Datasheet
234Kb / 2P
50W Single Output Switching Power Supply
LPS-50_1108 MEANWELL-LPS-50_1108 Datasheet
220Kb / 2P
50W Single Output Switching Power Supply
logo
Total Power Internation...
NES-50 TOTAL-POWER-NES-50 Datasheet
231Kb / 2P
50W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com