Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD45 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PD45
Description  45W Dual Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD45 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PD45 Datasheet HTML 1Page - Astrodyne Corporation PD45 Datasheet HTML 2Page - Astrodyne Corporation PD45 Datasheet HTML 3Page - Astrodyne Corporation PD45 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
45W Dual Output Switching Power Supply
PD45 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Low leakage current ≤ 0.75mA
Protections: Short circuit / Overload / Over voltage
Fixed switching frequency at 65KHz
Cooling by free air convection
High reliability
Model Number Output Volts Output Amps Ripple & Noise Line Reg Load Reg Efficiency Volt Tolerance Min Load
DUAL OUTPUT
PD-45A
5 Volts(DC)
3.2 Amps
50mVpk-pk
±1.0%
±3.0%
77%
±4.0%
0.4~5.0Amps
12 Volts(DC)
2.0 Amps
120mVpk-pk
±2.0%
±4.0%
77%
±7.0%
0.2~2.5Amps
PD-45B
5 Volts(DC)
3.2 Amps
50mVpk-pk
±1.0%
±3.0%
78%
±4.0%
0.4~5.0Amps
24 Volts(DC)
1.2 Amps
150mVpk-pk
±2.0%
±4.0%
78%
±7.0%
0.2~1.8Amps


Similar Part No. - PD45

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128163-I ELPIDA-PD45128163-I Datasheet
710Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-T ELPIDA-PD45128163-T Datasheet
713Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163G5-A10I-9JF ELPIDA-PD45128163G5-A10I-9JF Datasheet
710Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163G5-A10LI-9JF ELPIDA-PD45128163G5-A10LI-9JF Datasheet
710Kb / 89P
128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results

Similar Description - PD45

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
45W Dual Output Switching Power Supply
PT-45 MEANWELL-PT-45 Datasheet
340Kb / 2P
45W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PD-45 RSG-PD-45 Datasheet
197Kb / 2P
45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-45 MEANWELL-PD-45_11 Datasheet
341Kb / 2P
45W Dual Output Switching Power Supply
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
45W Single Output Switching Power Supply
PT-45 MEANWELL-PT-45_11 Datasheet
343Kb / 2P
45W Triple Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
45W Triple Output Switching Power Supply
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
45W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com