Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD45 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PD45
Description  45W Dual Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD45 Datasheet(HTML) 2 Page - Astrodyne Corporation

  PD45 Datasheet HTML 1Page - Astrodyne Corporation PD45 Datasheet HTML 2Page - Astrodyne Corporation PD45 Datasheet HTML 3Page - Astrodyne Corporation PD45 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
45W Dual Output Switching Power Supply
PD45 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 127-370 Volts(DC)
Frequency Range
47~440Hz
Inrush Current, typ: (cold start)
15 Amps/ 115VAC; 30Amps/230VAC
Input Current
1.0 Amps max @115VAC
0.7 Amps max @ 230VAC
Leakage Current
< 0.75mAmps
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
See Selection Chart
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
60mS @ FL
Setup, Rise Time @ FL
800mS, 20mS @ FL
Over Voltage Protection
5Volts(DC) only: 5.75~6.75Volts(DC)
Hiccup mode, auto recover
Over Current Protection
53~75W rated output power
Hiccup mode, auto recover
DC Voltage Adjust
4.75~5.5Volts(DC): 5Volts(DC) only
GENERAL SPECIFICATIONS
Safety
UL60950-1
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022 (CISPR22)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11
ENV50204, EN55024
light industry level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH
Temperature Coefficient
±0.04% / °C (0-50°C) ON +5V output
MTBF
288.1K Hrs min, MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
127 x 76 x 28
Inches
5” x 2.99” x 1.10”
Weight
7.05 oz (200g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com