Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO247 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TO247
Description  HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TO247 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TO247 Datasheet HTML 1Page - List of Unclassifed Manufacturers TO247 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRFP048N
PA RT NU M BE R
IN TE R NA T ION A L
R EC T IF IER
L O GO
E X AM PLE : T HI S IS A N IRF 1010
W IT H ASSE MB L Y
L O T CO DE 9 B 1 M
ASS EM B L Y
L O T
CO DE
D A TE C OD E
(Y YWW)
Y Y = YEAR
WW = W E EK
9246
IR F 1010
9 B
1 M
A
Part Marking Information
TO-247AC
Package Outline
HEXFET TO-247AC Outline
Dimensions are shown in millimeters (inches)
LEAD AS SIGN MENT S
NOT ES :
- D -
5 .30 ( .209)
4 .70 ( .185)
2 .5 0 ( .08 9)
1 .5 0 ( .05 9)
4
3X
0 .80 (. 031)
0 .40 (. 016)
2.60 ( .102)
2.20 ( .087)
3 .40 ( .133)
3 .00 ( .118)
3X
0 .25 ( .0 10)
M
C
A S
4 .30 ( .170)
3 .70 ( .145)
- C -
2X
5. 50 ( .2 17 )
4. 50 ( .1 77 )
5 .50 ( .217)
0 .25 ( .01 0)
1 .40 ( .0 56)
1 .00 ( .0 39)
3 .65 ( .143)
3 .55 ( .140)
D
M
M
B
- A -
15 .90 ( .62 6)
15 .30 ( .60 2)
- B -
123
20 .30 ( .800)
19 .70 ( .775)
1 4.80 ( .583)
1 4.20 ( .559)
2 .40 ( .094)
2 .00 ( .079)
2X
2X
5 .45 ( .21 5)
1 DIME NSIO NING & TO LERAN CING
PE R AN SI Y 14.5M, 1982.
2 CO NTRO LLING DIMENS IO N : IN CH .
3 CO NF ORM S T O JEDE C O UTLINE
T O-247-A C.
1 - G ATE
2 - DRAIN
3 - SO URCE
4 - DRAIN
IN TE R N A TIO N A L
R E C T IF IE R
L O G O
A SSE M BL Y
L O T
C O D E
E XAM P L E : T H IS IS AN IR F PE 30
W IT H AS SE M BL Y
L O T C O D E 3 A 1 Q
P ART NU M B ER
D A TE C O DE
(YYWW)
YY = YE AR
W W W EE K
3A 1Q
9302
IR FP E3 0
A
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


Similar Part No. - TO247

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
logo
ABL Aluminium Component...
TO247 ABL-TO247 Datasheet
106Kb / 1P
Board Mount PPN Heat Sinks
More results

Similar Description - TO247

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3025SRSGCPRV-F01 KINGBRIGHT-APB3025SRSGCPRV-F01 Datasheet
120Kb / 4P
1. All dimensions are in millimeters (inches).
WP76761CSYC-J KINGBRIGHT-WP76761CSYC-J Datasheet
130Kb / 4P
1. All dimensions are in millimeters (inches).
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
Dimensions shown in millimeters
logo
Pasternack Enterprises,...
PE15C5011F PASTERNACK-PE15C5011F Datasheet
69Kb / 1P
DIMENSIONS ARE IN INCHES
PE15C5013 PASTERNACK-PE15C5013 Datasheet
60Kb / 1P
DIMENSIONS ARE IN INCHES
PE15C5022F PASTERNACK-PE15C5022F Datasheet
274Kb / 2P
DIMENSIONS ARE IN INCHES
PE15J5011 PASTERNACK-PE15J5011 Datasheet
73Kb / 1P
DIMENSIONS ARE IN INCHES
PE15K5000 PASTERNACK-PE15K5000 Datasheet
151Kb / 1P
DIMENSIONS ARE IN INCHES
PE15K5002 PASTERNACK-PE15K5002 Datasheet
77Kb / 1P
DIMENSIONS ARE IN INCHES
PEM005 PASTERNACK-PEM005 Datasheet
70Kb / 1P
DIMENSIONS ARE IN INCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com