Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9KMT7 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CCR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CCR9KMT7 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button COP8CCR9KMT7 Datasheet HTML 48Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 49Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 50Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 51Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 52Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 53Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 54Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 55Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
15.0 A/D Converter (Continued)
15.1 OPERATING MODES
It supports both Single Ended and Differential modes of
operation.
Two specific analog channel selection modes are supported.
These are as follows:
1.
Allow any specific channel to be selected at one time.
The A/D Converter performs the specific conversion re-
quested and stops.
2.
Allow any differential channel pair to be selected at one
time. The A/D Converter performs the specific differen-
tial conversion requested and stops.
In both Single Ended and Differential modes, there is the
capability to connect the analog multiplexor output and A/D
converter input to external pins. This provides the ability to
externally connect a common filter/signal conditioning circuit
for the A/D Converter.
The A/D Converter is supported by three memory mapped
registers: two result registers and the control register. When
the device is reset, the mode control register (ENAD) is
cleared, the A/D is powered down and the A/D result regis-
ters have unknown data.
15.1.1 A/D Control Register
The control register, ENAD, contains 4 bits for channel se-
lection, 1 bit for mode selection, 1 bit for the multiplexor
output selection, 1 bit for prescaler selection, and a Busy bit.
An A/D conversion is initiated by setting the ADBSY bit in the
ENAD control register. The result of the conversion is avail-
able to the user in the A/D result registers, ADRSTH and
ADRSTL, when ADBSY is cleared by the hardware on
completion of the conversion.
TABLE 19. ENAD
Bit 7
Bit 0
Channel Select
Mode Select Mux/Out Prescale
Busy
ADCH3 ADCH2 ADCH1 ADCH0
ADMOD
MUX
PSC
ADBSY
15.1.1.1 Channel Select
This 4-bit field selects one of sixteen channels to be the V
IN+.
The mode selection and the mux output determine the V
IN-
input. When MUX = 0, all sixteen channels are available, as
shown in Table 20. When MUX = 1, only fourteen channels
are available, as shown in Table 21.
All port pins which are used, in the application, in A/D opera-
tions must be configured as high-impedance inputs. If the
ports are configured as outputs or inputs with weak pull-up
there will be a conflict between the analog signal and the
digitally driven output.
TABLE 20. A/D Converter Channel Selection when the Multiplexor Output is Disabled
Select Bits
Mode Select
ADMOD = 0
Single Ended
Mode
Mode Select
ADMOD = 1
Differential
Mode
Mux Output
Disabled
ADCH3
ADCH2
ADCH1
ADCH0
Channel No.
Channel Pairs
(+, −)
MUX
00000
0, 1
0
00011
1, 0
0
00102
2, 3
0
00113
3, 2
0
01004
4, 5
0
01015
5, 4
0
01106
6, 7
0
01117
7, 6
0
10008
8, 9
0
10019
9, 8
0
1010
10
10, 11
0
1011
11
11, 10
0
1100
12
12, 13
0
1101
13
13, 12
0
1110
14
14, 15
0
1111
15
15, 14
0
www.national.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com