Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9KMT7 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CCR9KMT7
Description  8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CCR9KMT7 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button COP8CCR9KMT7 Datasheet HTML 49Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 50Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 51Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 52Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 53Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 54Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 55Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 56Page - National Semiconductor (TI) COP8CCR9KMT7 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
15.0 A/D Converter (Continued)
TABLE 21. A/D Converter Channel Selection when the Multiplexor Output is Enabled
Select Bits
Mode Select
ADMOD = 0
Single Ended
Mode
Mode Select
ADMOD = 1
Differential
Mode
Mux Output
Enabled
ADCH3
ADCH2
ADCH1
ADCH0
Channel No.
Channel Pairs
(+, −)
MUX
00000
0, 1
1
00011
1, 0
1
00102
2, 3
1
00113
3, 2
1
01004
4, 5
1
01015
5, 4
1
01106
6, 7
1
01117
7, 6
1
10008
8, 9
1
10019
9, 8
1
1010
10
10, 11
1
1011
11
11, 10
1
1100
12
Not Used (Note
19)
1
1101
13
ADC13 is
Mux Output −
(Note 19)
1
1110
ADCH14 is
Mux Output
(Note 18)
ADCH14 is
Mux Output +
(Note 18)
1
1111
ADCH15 is
A/D Input (Note
18)
ADCH15 is
A/D Input (Note
18)
1
Note 18: This Input Channel Selection should not be used when the Multiplexor Output is enabled.
Note 19: This Input Channel Selection should not be used in Differential Mode when the Multiplexor Output is enabled.
15.1.1.2 Multiplexor Output Select
This 1-bit field allows the output of the A/D multiplexor and
the input to the A/D to be connected directly to external pins.
This allows for an external, common filter/signal conditioning
circuit to be applied to all channels. The output of the exter-
nal conditioning circuit can then be connected directly to the
input of the Sample and Hold input on the A/D Converter.
See Figure 26 for the single ended mode diagram. The
Multiplexor output is connected to ADCH14 and the A/D
input is connected to ADCH15. For Differential mode, the
differential multiplexor outputs are available and should be
converted to a single ended voltage for connection to the A/D
Converter Input. See Figure 27.
The channel assignments for this mode are shown in Table
22.
When using the Mux Output feature, the delay though the
internal multiplexor to the pin, plus the delay of the external
filter circuit, plus the internal delay to the Sample and Hold
will exceed the three clock cycles that’s allowed in the con-
version. This adds the requirement that, whenever the MUX
bit = 1, that the channel selected by ADCH3:0 bits be en-
abled, even when ADBSY = 0, and gated to the mux output
pin. The input path to the A/D converter is also enabled. This
allows the input channel to be selected and settled before
starting a conversion. The sequence to perform conversions
using the Mux Out feature is a multistep process and is listed
below.
1.
Select the desired channel and operating modes and
load them into ENAD without setting ADBSY.
2.
Wait the appropriate time until the analog input has
settled. This will depend on the application and the
response of the external circuit.
3.
Select the same desired channel and operating modes
used in step 1 and load them into ENAD and also set
ADBSY or set ADBSY by using the SBIT instruction.
This will start the conversion.
4.
Poll ADBSY until it is cleared by the hardware. This
indicates the completion of the conversion.
5.
Obtain the results from the result registers.
The port pins used for the multiplexor output must be con-
figured as high impedance inputs. If the port pins are con-
figured as outputs, or as inputs with weak pull-up, there will
be a conflict between the analog signal output and the
digitally driven output.
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com