Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4150 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LL4150
Description  Small Signal SMD Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL4150 Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL4150 Datasheet HTML 1Page - Diotec Semiconductor LL4150 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4148, LL4150, LL4151, LL4448
LL4148, LL4150, LL4151, LL4448
Small Signal SMD Switching Diodes
Ultraschnelle SMD-Kleinsignaldioden
IFAV = 150...300 mA
VF
< 1.0 V
Tjmax = 200°C
VRRM = 50...100 V
IFSM = 2000...4000 mA
trr
< 2...4 ns
Version 2015-10-27
~ SOD-80C
Glass MiniMELF
Dimensions - Maße [mm]
Typical Applications
Signal processing,
High-speed switching
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schnelles Schalten
Standardausführung 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschichtkapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1
)
Taped and reeled
2500 / 7“
Gegurtet auf Rolle
Weight approx.
0.04 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
Type
Typ
Reverse voltage
Sperrspannung
VR [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
LL4148
75
100
LL4150
50
50
LL4151
50
75
LL4448
75
100
Type
Typ
LL4148
LL4448
LL4150
LL4151
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
IFAV
150 mA 2)
300 mA 3)
200 mA 3)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
500 mA 3)
600 mA 3)
500 mA 3)
Non-repetitive peak forward current
Stoßstrom-Grenzwert
tp = 1 µs
Tj = 25°C
IFSM
2000 mA
4000 mA
2000 mA
Max. power dissipation
Max. Verlustleistung
Ptot
500 mW 3)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+200°C
-50...+200°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Mounted on P.C. board with 25 mm2 copper pads at each terminals
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS


Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
Silicon Epitaxial Planar Diodes
06-Apr-04
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
Formosa MS
LL4150 FORMOSA-LL4150 Datasheet
63Kb / 2P
High-speed switching diode
logo
General Semiconductor
LL4150 GE-LL4150 Datasheet
29Kb / 1P
Small Signal Diodes
logo
Microsemi Corporation
LL4150 MICROSEMI-LL4150 Datasheet
66Kb / 1P
MINI-MELF-SMD Silicon Diode
More results

Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
logo
Diotec Semiconductor
LS4148 DIOTEC-LS4148_15 Datasheet
143Kb / 2P
Small Signal SMD Switching Diodes
1N4148WS DIOTEC-1N4148WS_16 Datasheet
134Kb / 2P
SMD Small Signal Switching Diodes
1N4148W DIOTEC-1N4148W_17 Datasheet
132Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_17 Datasheet
144Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_17 Datasheet
129Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_17 Datasheet
128Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_18 Datasheet
145Kb / 2P
SMD Small Signal Switching Diodes
1N4148WT DIOTEC-1N4148WT Datasheet
141Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_18 Datasheet
142Kb / 2P
SMD Small Signal Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com