Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC50-ACB Datasheet(PDF) 3 Page - SICK AG

Part # PAC50-ACB
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PAC50-ACB Datasheet(HTML) 3 Page - SICK AG

  PAC50-ACB Datasheet HTML 1Page - SICK AG PAC50-ACB Datasheet HTML 2Page - SICK AG PAC50-ACB Datasheet HTML 3Page - SICK AG PAC50-ACB Datasheet HTML 4Page - SICK AG PAC50-ACB Datasheet HTML 5Page - SICK AG PAC50-ACB Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAC50-ACB | PAC50
PRESSURE SENSORS
2016-03-19 00:51:29 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3
Power consumption
Max. 40 mA at L+ = 24 VDC
Electrical safety
Protection class: III
Overvoltage protection: 32 V DC
Short-circuit protection: QA, Q1, Q2 towards M and L+
Reverse polarity protection: L+ to M
CE-conformity
EMC directive: 2004/108/EC, EN 61326-2-3
Weight sensor
Approx. 40 g
Enclosure rating
IP 65 / IP 67 (according to IEC 60529) 2)
Protection class III
✔
RoHS certificate
✔
CRUus certificate
✔
1) Bottom side: push-in fitting for 4 mm pneumatic hose, back side: thread G ¼ female according to DIN ISO 16030.
2) When plugged in with a suitable mating connector.
Ambient data
Ambient temperature
0 °C ... +60 °C
Storage temperature
–20 °C ... +80 °C
Relative humidity
≤ 90 %
Shock load
Max. 30 g, xyz according to IEC 60068-2-27 (11 ms, mechanical shock)
Vibration load
Max. 5 g (10 ... 150 Hz), xyz, to DIN EN 60068-2-6
Dimensional drawing (Dimensions in mm (inch))
Bottom side: push-in fitting for 4 mm pneumatic hose, back side: thread G ¼ female
13.6
(0.54)
9.5
(0.37)
Push-in fitting
ø 4.0 (ø 0.16)
M12x1
35
(1.38)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com