Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC50-ACB Datasheet(PDF) 5 Page - SICK AG

Part # PAC50-ACB
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PAC50-ACB Datasheet(HTML) 5 Page - SICK AG

  PAC50-ACB Datasheet HTML 1Page - SICK AG PAC50-ACB Datasheet HTML 2Page - SICK AG PAC50-ACB Datasheet HTML 3Page - SICK AG PAC50-ACB Datasheet HTML 4Page - SICK AG PAC50-ACB Datasheet HTML 5Page - SICK AG PAC50-ACB Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAC50-ACB | PAC50
PRESSURE SENSORS
2016-03-19 00:51:29 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5
Brief description
Type
Part no.
Wall-mounting kit; mounting element for wall-mounting of pressure switch PAC50,
Mounting element: polycarbonate, screws: steel, zinc-coated
BEF-MA-WLM-
NTS-PAC5
2069198
Terminal and alignment brackets
Switch panel installation kit, for installation of the PAC50 pressure switch in a switch
panel. Maximum thickness of switch panel 5 mm., Panel-mounting frame and mounting
element: polycarbonate, screws: steel, zinc-coated
BEF-MA-
CTRLPS-PAC5
2069200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com